Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11660FV-TLM-H Datasheet(PDF) 7 Page - ON Semiconductor

Part # LB11660FV-TLM-H
Description  Half-pre Motor Driver Single-Phase Full-Wave Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11660FV-TLM-H Datasheet(HTML) 7 Page - ON Semiconductor

Back Button LB11660FV-TLM-H Datasheet HTML 2Page - ON Semiconductor LB11660FV-TLM-H Datasheet HTML 3Page - ON Semiconductor LB11660FV-TLM-H Datasheet HTML 4Page - ON Semiconductor LB11660FV-TLM-H Datasheet HTML 5Page - ON Semiconductor LB11660FV-TLM-H Datasheet HTML 6Page - ON Semiconductor LB11660FV-TLM-H Datasheet HTML 7Page - ON Semiconductor LB11660FV-TLM-H Datasheet HTML 8Page - ON Semiconductor LB11660FV-TLM-H Datasheet HTML 9Page - ON Semiconductor LB11660FV-TLM-H Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LB11660FV
www.onsemi.com
7
*5.Hall sensor input
Lines that are as short as possible must be used to prevent noise from entering the system. The Hall sensor input circuit consists of
a comparator with hysteresis (20mV). We recommend that the Hall sensor input level be at least three times this hysteresis, i.e. at
least 60mVp-p.
*6.PWM oscillator frequency setting capacitor
The PWM oscillator oscillates at f = 23kHz when CP is 200pF and at f = 46kHz when CP is 100pF, and this frequency becomes the
PWM reference frequency.
Note that the PWM frequency is given approximately by the following equation.
f [kHz]
 (4.6×106) ÷C [pF]
*7.FG output
This is an open collector output, and a rotation count detection function can be implemented using this FG output, which
corresponds to the phase switching. This pin must be left open if unused.
*8.HB pin
This pin provides a Hall effect sensor bias constant-voltage output of 1.25V.
*9.RMI pin
This pin is the speed control minimum speed setting.
The minimum output duty is set by R3 and R4. Leave R4 open to have the motor stop when the duty is 0%.
Rotation Control Timing Chart
Minimum
output duty
VTH(V)
PWM
duty(%)
Duty 100%
Duty 0%
VPWML
VPWMH
RMI
CPWM
2.5V
0.5V
PWM control variable speed mode
Full speed mode
0V
On duty
Minimum speed
setting rotation
RMI voltage
VTH voltage
ON
OFF


Similar Part No. - LB11660FV-TLM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11660FV SANYO-LB11660FV Datasheet
111Kb / 8P
   Single-Phase Full-Wave Fan Motor Driver
More results

Similar Description - LB11660FV-TLM-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11660RV ONSEMI-LB11660RV Datasheet
118Kb / 9P
   Half-pre Motor Driver Single-Phase Full-Wave Drive
August 2015 - Rev. 1
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Rohm
BD6718FV ROHM-BD6718FV Datasheet
252Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan Motor
BA6423AF ROHM-BA6423AF_1 Datasheet
288Kb / 4P
   Single-phase Full-Wave Motor Pre-Driver for Fan
logo
ON Semiconductor
LB11852RV ONSEMI-LB11852RV Datasheet
309Kb / 12P
   Single-phase Full-wave Pre-driver
May, 2013
logo
Rohm
BD6713EFV ROHM-BD6713EFV Datasheet
230Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Toshiba Semiconductor
TC78B006FNG TOSHIBA-TC78B006FNG Datasheet
997Kb / 36P
   Single Phase Full-wave Pre-driver for Fan Motor
2015-02-13
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6424AFS ROHM-BA6424AFS Datasheet
235Kb / 6P
   Single-Phase Full-Wave Motor Pre-Driver for Fan
logo
Shaoxing Devechip Micro...
SDC11967 SDC-SDC11967 Datasheet
328Kb / 10P
   Single-Phase Full-Wave Pre-Driver For Fan Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com