Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPTB17 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPTB17
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPTB17 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPTB17 Datasheet HTML 1Page - Microsemi Corporation UPTB17 Datasheet HTML 2Page - Microsemi Corporation UPTB17 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCO264A 02-11-00
DSW UPT5 <-> (36256)
UPT5-UPT48
UPTB5-UPTB48
Features
Features
• Powermite Package, 5 to 48 V
• Peak Pulse Power 1000 W for 8x20 Micro-second Pulse
• Clamping Time in Pico-seconds
• Integral Heat Sink / Locking Tabs
• Full Metallic Bottom Eliminates Flux Entrapment
• Bi-directional Version Available
Description
Absolute Maximum Ratings at 25
°C
Stand-Off Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 to 48 VOLTS ( See Characteristics Table )
Peak Pulse Power ( 8 x 20 micro-second pulse ) . . . . . . . . . . . . . . . . 1000 WATTS . . ( See Figure 1 )
Peak Pulse Power ( 1 milli-second pulse ) . . . . . . . . . . . . . . . . . . . . . 150 WATTS . . ( See Figure 2 )
Peak Pulse Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Characteristics Table
Breakdown Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Characteristics Table
Power( Continuous ). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.5 WATTS
Electrical Characteristics at 25
°C
DEVICE
TYPE
Stand-Off
Voltage
VR
Minimum
Breakdown
Voltage
BV(min) @ 1 mA
Maximum
Leakage
Current
IR @ VR
Maximum
Peak
Current*
IP
Maximum
Clamping
Voltage
VR @ 10 A
Maximum
Temp.
Coefficient
of BV
Unidirectional
Bi-directional
(V)
(V)
(
µµA)
(A)
(V)
(%/
°°C)
UPT 5
UPTB 5
5
6.0
50
89.4
9.5
.030
UPT 8
UPTB 8
8
9.0
2
62.1
13.7
.040
UPT10
UPTB10
10
11.0
2
47.2
18.0
.045
UPT12
UPTB12
12
13.8
1
40.3
21.6
.050
UPT15
UPTB15
15
16.7
1
33.9
26.0
.055
UPT17
UPTB17
17
19.0
1
30.8
29.2
.060
UPT24
UPTB24
24
28.4
1
22.0
43.2
.070
UPT28
UPTB28
28
31.0
1
19.2
47.8
.075
UPT33
UPTB33
33
36.8
1
16.4
56.7
.080
UPT48
UPTB48
48
54.0
1
11.2
84.3
.090
* See Figure 1
580 Pleasant St.
Watertown, MA 02472
PH: (617) 926-0404
FAX: (617) 924-1235
SURFACE MOUNT
TRANSIENT VOLTAGE
SUPPRESSORS
Microsemi’s new Powermite UPT series transient voltage suppressors feature oxide passivated zener type
chips, with high-temperature solder bonds to achieve high surge capability, and negligible electrical degrad-
ation under repeated surge conditions.
In addition to its size advantages, Powermite package includes a full metallic bottom which eliminates the
possibility of solder flux entrapment at assembly, and a unique locking tab that acts as an integral heatsink.
Innovative design makes this device fully compatible for use with automatic insertion equipment.


Similar Part No. - UPTB17

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPTB17 MICROSEMI-UPTB17 Datasheet
264Kb / 5P
   5V-48V Small Footprint, Surface Mount Transient Voltage Suppressors
More results

Similar Description - UPTB17

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com