Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBTA63LT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBTA63LT1G
Description  Darlington Transistors PNP Silicon
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBTA63LT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBTA63LT1G Datasheet HTML 1Page - Leshan Radio Company LMBTA63LT1G Datasheet HTML 2Page - Leshan Radio Company LMBTA63LT1G Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
2/3
LMBTA63LT1G LMBTA64LT1G
Figure 1. DC Current Gain
IC, COLLECTOR CURRENT (mA)
200
-1.0
2.0
TA = 125°C
25°C
-55°C
VCE = -2.0 V
-2.0
-3.0
-5.0 -7.0 -10
-20
-30
-50
-100
-300
100
70
50
30
20
10
7.0
5.0
3.0
-0.3
-0.5 -0.7
-70
-200
-5.0 V
-10 V
IB, BASE CURRENT (µA)
Figure 2. Collector Saturation Region
-2.0
-0.6
TA = 25°C
IC =
-1.8
-1.6
-1.4
-1.2
-1.0
-0.8
-0.1-0.2
-1 -2 -5 -10 -20 -50 -100-200-500
-0.5
-1K-2K
-10K
-10 mA -50 mA -100 mA -175 mA
-300 mA
-5K
IC, COLLECTOR CURRENT (mA)
Figure 3. “On” Voltage
-2.0
0
-0.3
TA = 25°C
VBE(on) @ VCE = -5.0 V
-1.6
-1.2
-0.8
-0.4
VCE(sat) @ IC/IB = 1000
IC/IB = 100
-0.5 -1.0
-2 -3 -5
-10 -20 -30 -50 -100 -200 -300
10
4.0
3.0
2.0
0.1
Figure 4. High Frequency Current Gain
IC, COLLECTOR CURRENT (mA)
VCE = -5.0 V
f = 100 MHz
TA = 25°C
1.0
0.4
0.2
-1.0 -2.0
-5.0
-10 -20
-50 -100 -200
-500 -1K
VBE(sat) @ IC/IB = 100


Similar Part No. - LMBTA63LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBTA63LT1G LRC-LMBTA63LT1G Datasheet
131Kb / 3P
   Darlington Transistors
More results

Similar Description - LMBTA63LT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBTA63LT1 LRC-MMBTA63LT1 Datasheet
115Kb / 3P
   Darlington Transistors(PNP Silicon)
logo
ON Semiconductor
MPSA62 ONSEMI-MPSA62 Datasheet
157Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
MPSA75 ONSEMI-MPSA75 Datasheet
97Kb / 4P
   Darlington Transistors(PNP Silicon)
1996
logo
Infineon Technologies A...
BCV26 INFINEON-BCV26_11 Datasheet
528Kb / 7P
   PNP Silicon Darlington Transistors
2011-10-05
BCV28 INFINEON-BCV28 Datasheet
47Kb / 5P
   PNP Silicon Darlington Transistors
Jul-12-2001
logo
Siemens Semiconductor G...
BD976 SIEMENS-BD976 Datasheet
118Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
logo
Infineon Technologies A...
BCV28 INFINEON-BCV28_07 Datasheet
72Kb / 8P
   PNP Silicon Darlington Transistors
2007-04-20
SMBTA63 INFINEON-SMBTA63 Datasheet
44Kb / 4P
   PNP Silicon Darlington Transistors
Nov-30-2001
logo
ON Semiconductor
MMBTA63LT1 ONSEMI-MMBTA63LT1_06 Datasheet
60Kb / 4P
   Darlington Transistors PNP Silicon
January, 2006 ??Rev. 2
MPSA62 ONSEMI-MPSA62_05 Datasheet
62Kb / 4P
   Darlington Transistors PNP Silicon
June, 2005 ??Rev. 2
MMBTA63LT1 ONSEMI-MMBTA63LT1 Datasheet
156Kb / 4P
   Darlington Transistors(PNP Silicon)
March, 2001 ??Rev. 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com