Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A192 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # 1A192
Description  High-Performance LED(Sensors, Signal Transmission)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A192 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button 1A192 Datasheet HTML 2Page - Mitel Networks Corporation 1A192 Datasheet HTML 3Page - Mitel Networks Corporation 1A192 Datasheet HTML 4Page - Mitel Networks Corporation 1A192 Datasheet HTML 5Page - Mitel Networks Corporation 1A192 Datasheet HTML 6Page - Mitel Networks Corporation 1A192 Datasheet HTML 7Page - Mitel Networks Corporation 1A192 Datasheet HTML 8Page - Mitel Networks Corporation 1A192 Datasheet HTML 9Page - Mitel Networks Corporation 1A192 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
105429 1997-07-03
Mitel emitters and detectors can be
provided in this pigtail package with
a wide selection of fiber types. The
device is electrically isolated from
the pigtail receptacle to facilitate
electrical connection. And optimum
fiber-coupled power or responsivity
is ensured by active alignment
against the fiber. A special design
maximizes the return loss for detec-
tors in this package.
Note 3: Add Rthjc for LED to estimate the total thermal resistance.
Absolute Maximum Ratings
PARAMETER
SYMBOL
LIMIT
Operating & Storage Temperature (Note 1 & 2)
Tstg, Top
- 40 to +85 C
min.12
MARKING
13
Ø6.00
Mechanical Outline of Diode in PIGTAIL-3A Housing
Note 1: Temperature range can be extended to -55/+125 C on request.
Note 2: Temperature range may be limited by the specification of the fiber.
Thermal Characteristics
All Dimensions in mm
Optical Characteristics
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthcc
25
C/W
(Note 3)
Thermal Resistance - No Heat Sink
Rthca
250
C/W
(Note 3)
Thermal Resistance - On PC-Board
Rthca
120
C/W
(Note 3)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Return Loss 10/125 m fiber
RL
40
55
dB
(PIN only)
Pigtail-3A
Package
Emitter or Detector in Pigtail Package


Similar Part No. - 1A192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1A1907 ETC1-1A1907 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A1907 COOPER-1A1907 Datasheet
430Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
Eaton All Rights Reserv...
1A1907 EATON-1A1907 Datasheet
480Kb / 4P
   PCB Fuse-clips for ATC/ATM Blade, 5 mm
logo
Cooper Bussmann, Inc.
1A1907- COOPER-1A1907- Datasheet
541Kb / 4P
   PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
logo
List of Unclassifed Man...
1A1907-02 ETC1-1A1907-02 Datasheet
102Kb / 4P
   Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
More results

Similar Description - 1A192

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A436 MITEL-1A436 Datasheet
182Kb / 9P
   High-Performance LED(Sensors, Signal Transmission)
1A313 MITEL-1A313 Datasheet
46Kb / 2P
   High-Performance LED Power Transmission
logo
Panasonic Semiconductor
CNC1S171 PANASONIC-CNC1S171 Datasheet
53Kb / 3P
   Optoisolator(For isolated signal transmission)
logo
Mitel Networks Corporat...
1A314 MITEL-1A314 Datasheet
49Kb / 2P
   High-Performance LED
logo
Zarlink Semiconductor I...
MF388 ZARLINK-MF388 Datasheet
209Kb / 5P
   High Performance LED
logo
List of Unclassifed Man...
ELIS-1024 ETC2-ELIS-1024 Datasheet
278Kb / 11P
   High Performance Linear Image Sensors
logo
Neutrik AG
NE8FDY-C6-B NEUTRIK-NE8FDY-C6-B Datasheet
105Kb / 3P
   CAT6 performance - fast data transmission and high bandwidth applications
logo
Infineon Technologies A...
TLE4955C-E4 INFINEON-TLE4955C-E4 Datasheet
822Kb / 24P
   Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
logo
Microchip Technology
DSPIC30F3014 MICROCHIP-DSPIC30F3014 Datasheet
4Mb / 220P
   High-Performance Digital Signal Controllers
2004
logo
Infineon Technologies A...
TLE4955C INFINEON-TLE4955C Datasheet
802Kb / 21P
   Differential Hall Effect Transmission Speed Sensors
Version 1.0 2016-06-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com