Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1A212 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # 1A212
Description  High-Performance DUPLEX(Half-Duplex Communication)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

1A212 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  1A212 Datasheet HTML 1Page - Mitel Networks Corporation 1A212 Datasheet HTML 2Page - Mitel Networks Corporation 1A212 Datasheet HTML 3Page - Mitel Networks Corporation 1A212 Datasheet HTML 4Page - Mitel Networks Corporation 1A212 Datasheet HTML 5Page - Mitel Networks Corporation 1A212 Datasheet HTML 6Page - Mitel Networks Corporation 1A212 Datasheet HTML 7Page - Mitel Networks Corporation 1A212 Datasheet HTML 8Page - Mitel Networks Corporation 1A212 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT INFORMATION
Europe: Tel (46) 8 58 02 45 00
Fax (46) 8 58 02 01 10
Tel (44) 1291 436180
Fax (44) 1291 436771
America: Tel 1-800-96MITEL Fax (613) 592-6909
Asia:
Tel (65) 293 5312
Fax (65) 293 8527
11841.12 1994-09-20
880nm 1A212
High-Performance DUPLEX
Half-Duplex Communication
0.6
14
Ø1.5
Ø4.7
3.7
0.4
5.4
2.5
CASE
ANODE
CATHODE
BOTTOM VIEW
The diode chip is isolated from the case.
TO-46 Package With Lens
This single-chip device operates as
both an Emitter and Detector, and
transmits data over a single fiber in
half- duplex mode — thus reducing
both fiber and component costs when
compared with traditional approaches.
Thermal Characteristics
Absolute Maximum Ratings
Fiber:
50/125 m
Graded
Index
NA=0.20
Fiber:
50/125 m
Graded
Index
NA=0.20
Optical and Electrical Characteristics (25°C Case Temperature)
Note 1: Measured at the exit of 100 meters of fiber.
PARAMETER
SYMBOL
LIMIT
Storage Temperature
Tstg
-55 to + 125 C
Operating Temperature (derating: Fig.4)
Top
-55 to +125 C
Electrical Power Dissipation (derating: Fig.4)
Ptot
160 mW
Continuous Forward Current (f 10 kHz)
IF
80 mA
Peak Forward Current (duty cycle 50%, f 1 MHz)
IFRM
130 mA
Reverse Voltage
VR
2.0 V
Soldering Temperature (2mm from the case for 10 sec)
Tsld
260 C
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
Fiber-Coupled Power
Pfiber
25
55
W
IF=60 mA
(Fig.1, 2,&3) (Table 1)
(Note 1)
Rise and Fall Time
tr,tf
710
ns
IF=60 mA
(10-90%)
(no bias)
Bandwidth
fc
50
MHz
IF=60 mA
(3 dBel )
Peak Wavelength
p
870
880
890
nm
IF=60 mA
Spectral Width (FWHM)
50
nm
IF=60 mA
Forward Voltage (Fig.5)
VF
1.7
1.9
V
IF=60 mA
Responsivity
R
0.10 0.15
A/W
VR=1V
(Fig. 6,7,&8) (Table 2)
=880 nm
Rise and Fall Time
tr,tf
710
ns
VR=1V
(10-90%)
RL=50
(no bias)
Bandwidth
fc
50
MHz
VR=1V
RL=50
Capacitance
C
30
pF
VR= 1V, f=1 MHz
Dark Current
Id
510
nA
VR=1V
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance - Infinite Heat Sink
Rthjc
200
C/W
Thermal Resistance - No Heat Sink
Rthja
500
C/W
Temperature Coefficient - Optical Power
dP/dTj
-0.4
%/ C
Temperature Coefficient -Wavelength
d /dTj
0.3
nm/ C
Temperature Coefficient -Responsivity
dR/dTj
0.2
%/ C
Temperature Coefficient -Dark Current
dId/dTj
2.5
%/ C


Similar Part No. - 1A212

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1A2 DEC-1A2 Datasheet
681Kb / 2P
   Low reverse leakage
logo
Pan Jit International I...
1A2 PANJIT-1A2 Datasheet
52Kb / 2P
   MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
DONGGUAN YOU FENG WEI E...
1A2 YFWDIODE-1A2 Datasheet
92Kb / 2P
   1 Amp Miniature Plastic Silicon Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
1A2 WTE-1A2 Datasheet
61Kb / 4P
   1.0A STANDARD DIODE
logo
Nantong Hornby Electron...
1A2 HORNBY-1A2 Datasheet
248Kb / 3P
   MINIATURE GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results

Similar Description - 1A212

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
1A353 MITEL-1A353 Datasheet
195Kb / 10P
   High-Performance Duplex(Half-Duplex Communication)
logo
Prosoft-Technology
MVI46-DFCM PROSOFT-MVI46-DFCM Datasheet
94Kb / 2P
   DF1 Half/Full Duplex Master/Slave Communication Module
logo
CML Microcircuits
CMX7262 CMLMICRO-CMX7262 Datasheet
2Mb / 52P
   Half-duplex operation
FX579 CMLMICRO-FX579 Datasheet
574Kb / 23P
   HALF DUPLEX GMSK MODEM
logo
IK Semicon Co., Ltd
ILX75176 IKSEMICON-ILX75176 Datasheet
474Kb / 8P
   Half-Duplex Versions Available
logo
Texas Instruments
SN65HVD485EDR TI-SN65HVD485EDR Datasheet
891Kb / 22P
[Old version datasheet]   HALF-DUPLEX RS-485 TRANSCEIVER
SN65HVD485E TI1-SN65HVD485E_17 Datasheet
1Mb / 29P
[Old version datasheet]   Half-Duplex RS-485 Transceiver
logo
Shanghai Leiditech Elec...
LM485EPA LEIDITECH-LM485EPA Datasheet
4Mb / 10P
   5V power supply, half duplex
LM3485SA LEIDITECH-LM3485SA Datasheet
7Mb / 6P
   3.3V power supply, half duplex
LM3485PA LEIDITECH-LM3485PA Datasheet
7Mb / 13P
   3.3V power supply, half duplex
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com