Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB12-12 Datasheet(PDF) 1 Page - B. B. Battery Co., Ltd.

Part # EB12-12
Description  VRLA Rechargeable Battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BB-BATTERY [B. B. Battery Co., Ltd.]
Direct Link  http://www.bb-battery.com
Logo BB-BATTERY - B. B. Battery Co., Ltd.

EB12-12 Datasheet(HTML) 1 Page - B. B. Battery Co., Ltd.

  EB12-12 Datasheet HTML 1Page - B. B. Battery Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Nominal Voltage
Nominal Capacity
12Ah @ 20 hour rate F.V.(1.75V/cell)
Terminals
14m
3.6 A
oo
o
o
Charge
0 C~40 C(32 F~104 F)
oo
o
o
Discharge
-20 C~50 C(-4 F~122 F)
oo
o
o
Storage.
-20 C~40 C(-4 F~104 F)
Internal Resistance
Length
151±1.5
Width
98±1.5
Container Height
94±1.5
Total Height
OUTER DIMENSIONS
TERMINAL TYPE
12 V
Max. Charge Current
Container Material
DIMENSION(mm/inch)
4300g(9.48lbs.)
VRLA Rechargeable Battery
EB12-12
Technology
Measures
Innovation
Values
98±2.0
B.B. Battery Co., Ltd.
Powered by
REV. Jul. 2013
A/2
APPLICATION
FEATURES
SPECIFICATIONS
Approx. Weight
Max. Discharge Current
180 A (5 sec.)
(Fully Charged )
Operating Temperature Range
(5.94±0.06)
(3.86±0.06)
(3.70±0.06)
(3.86±0.08)
All data and artworks shall be changed without prior notice, BB reserves the right to explain and update the information contained hereinto.
IEC 61056-1
JIS C 8702-1
GB/T 19639.1
T2 (Faston Tab 250)
Terminal T2
3.4(0.13)
7.95(0.31)
Absorbent Glass Mat technology for efficient gas recombination
Maintenance free(no water topping-up required)
No free acid(Non-spillable battery)
Can be used in any orientation(excluding used inverted)
The battery is designed for high power & high cyclic usage
Low self-discharge rate, lower than 3% capacity loss per month
UPS
E-bike
Wheelchairs
Lawn Mowers
Golf-Carts
Electrical Scooter
(V/cell)
F.V.
Discharge
Time
10 Min
15 Min
30 Min
40 Min
Unit: W
o
o
Constant power discharge characteristics at 25 C/77 F
1 Hr
2 Hr
3 Hr
10 Hr
20 Hr
1.80V
1.75V
1.70V
1.65V
1.60V
1.50V
5 Hr
(V/cell)
F.V.
Discharge
Time
10 Min
15 Min
30 Min
40 Min
Unit: A
1 Hr
2 Hr
3 Hr
10 Hr
20 Hr
5 Hr
323.2
350.2
362.8
371.5
378.8
386.4
261.7
274.0
282.3
288.9
294.6
300.5
164.6
170.9
174.7
177.2
179.0
180.8
130.5
135.2
138.0
139.9
141.3
142.7
99.6
102.5
104.3
105.7
106.8
107.9
56.8
58.2
58.9
59.8
60.0
60.6
42.0
42.8
43.2
43.6
43.8
44.1
26.6
27.0
27.2
27.4
27.4
27.4
13.47
13.68
13.75
13.78
13.78
13.78
7.05
7.20
7.23
7.25
7.25
7.25
28.4
30.8
31.9
32.7
33.4
34.0
22.8
23.8
24.6
25.1
25.6
26.1
13.9
14.5
14.8
15.0
15.2
15.3
11.0
11.4
11.6
11.8
11.9
12.0
8.4
8.6
8.8
8.9
9.0
9.1
4.73
4.85
4.91
4.98
5.00
5.05
3.50
3.58
3.60
3.62
3.65
3.67
2.22
2.25
2.26
2.28
2.28
2.28
1.123
1.140
1.145
1.150
1.150
1.150
0.588
0.600
0.602
0.605
0.605
0.605
1.80V
1.75V
1.70V
1.65V
1.60V
1.50V
1.80V
1.75V
1.70V
1.65V
1.60V
1.50V
Standard: ABS( UL 94-HB)
EB12-12
EB12-12FR
Optional: Flame Retardant ABS(UL 94-V0)
o
o
Constant current discharge characteristics at 25 C/77 F


Similar Part No. - EB12-12

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EB120-XX-A ADAM-TECH-EB120-XX-A Datasheet
83Kb / 1P
   EURO BLOCK
EB121-XX-A ADAM-TECH-EB121-XX-A Datasheet
73Kb / 1P
   EURO BLOCK
EB122-XX-V ADAM-TECH-EB122-XX-V Datasheet
81Kb / 1P
   EURO BLOCK
EB124-XX-C-GY ADAM-TECH-EB124-XX-C-GY Datasheet
69Kb / 1P
   EURO BLOCK
More results

Similar Description - EB12-12

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BP10-6 BB-BATTERY-BP10-6 Datasheet
200Kb / 1P
   VRLA Rechargeable Battery
BP10-12 BB-BATTERY-BP10-12 Datasheet
207Kb / 1P
   VRLA Rechargeable Battery
BP17-12 BB-BATTERY-BP17-12 Datasheet
216Kb / 1P
   VRLA Rechargeable Battery
BP26-12 BB-BATTERY-BP26-12 Datasheet
394Kb / 1P
   VRLA Rechargeable Battery
BP45-12 BB-BATTERY-BP45-12 Datasheet
218Kb / 1P
   VRLA Rechargeable Battery
BP55-12RT BB-BATTERY-BP55-12RT Datasheet
269Kb / 1P
   VRLA Rechargeable Battery
BP65-12 BB-BATTERY-BP65-12 Datasheet
219Kb / 1P
   VRLA Rechargeable Battery
BPL12-12 BB-BATTERY-BPL12-12 Datasheet
199Kb / 1P
   VRLA Rechargeable Battery
EB20-12 BB-BATTERY-EB20-12 Datasheet
203Kb / 1P
   VRLA Rechargeable Battery
EP26-12 BB-BATTERY-EP26-12 Datasheet
221Kb / 1P
   VRLA Rechargeable Battery
EP40-12 BB-BATTERY-EP40-12 Datasheet
404Kb / 1P
   VRLA Rechargeable Battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com