Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSB12A45S2L Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # MSB12A45S2L
Description  Bypass Diode Module for Solarcell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

MSB12A45S2L Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  MSB12A45S2L Datasheet HTML 1Page - GOOD-ARK Electronics MSB12A45S2L Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage
45V
Forward Current
12A
Features
Low thermal resistance
Low forward voltage drop,low power loss
Compact outline design
Excellent anti-humidity
High current capability
High forward surge capability
internal schematic diagram
RoHS compliance
Mechanical Data
Case:
plastic body
Terminals:
Sn plated leads
Typical Applications
For use in solar cell junction box
as bypass diodes for protection,
using DC forward current
Dimensions in millimeters
without reverse bias.
Maximum Ratings & Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified
.
Symbol
Unit
VRRM
V
VRwM
V
IF
IFSM
IRRM (Max)
mA
VFM (Max)
V
Rθjc
/W
Tstg
VISO
V
g
TJ
0.8
0.45
1.0
55 to+125
200
Isolation voltage AC. 1minute
Operating junction temperature range(VR≤80%VRRM)
Typical thermal resistance (junction to case,with heatsink)
Bypass Diode Module for Solarcell
MSB12A45S2L
45
400
(Schottky Barrier Diode Type)
Parameter
Maximum repetitive peak reverse voltage
MSB12A45S2L
Working peak reverse voltage
A
Repetitive peak reverse current (VR=VRRM)
45
12
DC output current (Tc=145℃,with special heatsink)
surge forward current 1cycle,60HZ,peak value,non-
titi
Forward voltage drop IF=12A,lnst measurement
Junction temperature in DC forward current without reverse
bias
Mass (typical value)
Storage temperature
55 to+150
6000
30
Outline Drawing
PAGE 1 - 2


Similar Part No. - MSB12A45S2L

ManufacturerPart #DatasheetDescription
logo
Surge Components
MSB12A45S2 SURGE-MSB12A45S2 Datasheet
287Kb / 2P
   Bypass Diode Module for Solarcell
More results

Similar Description - MSB12A45S2L

ManufacturerPart #DatasheetDescription
logo
Surge Components
MSB12A45S2 SURGE-MSB12A45S2 Datasheet
287Kb / 2P
   Bypass Diode Module for Solarcell
MSB12A45S3 SURGE-MSB12A45S3 Datasheet
294Kb / 2P
   Bypass Diode Module for Solarcell
logo
HY ELECTRONIC CORP.
HYMK2045 HY-HYMK2045_17 Datasheet
240Kb / 3P
   BYPASS DIODE MODULE FOR SOLARCELL
HYMK25T45 HY-HYMK25T45_17 Datasheet
241Kb / 3P
   BYPASS DIODE MODULE FOR SOLARCELL
logo
GOOD-ARK Electronics
MSB15A45S2L GOOD-ARK-MSB15A45S2L Datasheet
92Kb / 2P
   Bypass Diode Module for Solarcell
MSB12A45S3L GOOD-ARK-MSB12A45S3L Datasheet
84Kb / 2P
   Bypass Diode Module for Solarcell
logo
Surge Components
MSB15A45S2 SURGE-MSB15A45S2 Datasheet
283Kb / 2P
   Bypass Diode Module for Solarcell(Schottky Barrier Diode Type)
logo
Infineon Technologies A...
DF160R12W2H3F_B11 INFINEON-DF160R12W2H3F_B11 Datasheet
728Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
DF80R12W2H3F_B11 INFINEON-DF80R12W2H3F_B11 Datasheet
658Kb / 11P
   Bypass-Diode / Bypass-Diode
V3.0 2017-03-31
logo
Solid States Devices, I...
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
   BATTERY BYPASS MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com