Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB40N60FL2WG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NGTB40N60FL2WG
Description  IGBT - Field Stop II
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB40N60FL2WG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NGTB40N60FL2WG Datasheet HTML 2Page - ON Semiconductor NGTB40N60FL2WG Datasheet HTML 3Page - ON Semiconductor NGTB40N60FL2WG Datasheet HTML 4Page - ON Semiconductor NGTB40N60FL2WG Datasheet HTML 5Page - ON Semiconductor NGTB40N60FL2WG Datasheet HTML 6Page - ON Semiconductor NGTB40N60FL2WG Datasheet HTML 7Page - ON Semiconductor NGTB40N60FL2WG Datasheet HTML 8Page - ON Semiconductor NGTB40N60FL2WG Datasheet HTML 9Page - ON Semiconductor NGTB40N60FL2WG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NGTB40N60FL2WG
www.onsemi.com
10
PACKAGE DIMENSIONS
TO−247
CASE 340L−02
ISSUE F
N
P
A
K
W
F
D
G
U
E
0.25 (0.010) M YQ S
J
H
C
4
12
3
−T−
−B−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
2 PL
3 PL
0.63 (0.025) M TB M
−Q−
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
20.32
21.08
0.800
8.30
B
15.75
16.26
0.620
0.640
C
4.70
5.30
0.185
0.209
D
1.00
1.40
0.040
0.055
E
1.90
2.60
0.075
0.102
F
1.65
2.13
0.065
0.084
G
5.45 BSC
0.215 BSC
H
1.50
2.49
0.059
0.098
J
0.40
0.80
0.016
0.031
K
19.81
20.83
0.780
0.820
L
5.40
6.20
0.212
0.244
N
4.32
5.49
0.170
0.216
P
---
4.50
---
0.177
Q
3.55
3.65
0.140
0.144
U
6.15 BSC
0.242 BSC
W
2.87
3.12
0.113
0.123
STYLE 4:
PIN 1. GATE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
ON Semiconductor and the
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC) or its subsidiaries in the United States and/or other countries.
SCILLC owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed
at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and
specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets
and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended,
or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which
the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or
unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable
copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NGTB40N60FL2W/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NGTB40N60FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results

Similar Description - NGTB40N60FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTG15N120FL2WG ONSEMI-NGTG15N120FL2WG Datasheet
230Kb / 10P
   IGBT - Field Stop II
May, 2014 ??Rev. 0
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
NGTB15N120FL2WG ONSEMI-NGTB15N120FL2WG Datasheet
204Kb / 10P
   IGBT - Field Stop II
September, 2015 ??Rev. 1
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG Datasheet
243Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 3
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
NGTB35N65FL2WG ONSEMI-NGTB35N65FL2WG Datasheet
99Kb / 8P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com