Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTB60N60SWG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NGTB60N60SWG
Description  IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTB60N60SWG Datasheet(HTML) 5 Page - ON Semiconductor

  NGTB60N60SWG Datasheet HTML 1Page - ON Semiconductor NGTB60N60SWG Datasheet HTML 2Page - ON Semiconductor NGTB60N60SWG Datasheet HTML 3Page - ON Semiconductor NGTB60N60SWG Datasheet HTML 4Page - ON Semiconductor NGTB60N60SWG Datasheet HTML 5Page - ON Semiconductor NGTB60N60SWG Datasheet HTML 6Page - ON Semiconductor NGTB60N60SWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NGTB60N60SWG
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 13. Switching Loss vs. Rg
Figure 14. Switching Time vs. Rg
Rg, GATE RESISTOR (
W)
Rg, GATE RESISTOR (
W)
75
65
55
45
35
25
15
5
0
1
2
3
4
5
6
7
75
65
55
45
35
25
15
5
10
100
1000
Figure 15. Switching Loss vs. VCE
Figure 16. Switching Time vs. VCE
VCE, COLLECTOR−EMITTER VOLTAGE (V)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
525
475
425
375
325
275
225
175
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
525
475
425
375
325
275
225
175
10
100
1000
Figure 17. IC vs. VCE
Figure 18. IC vs. VCE
VCE, COLLECTOR−EMITTER VOLTAGE (V)
VCE, COLLECTOR−EMITTER VOLTAGE (V)
1000
100
10
1
0.1
1
10
100
1000
1000
100
10
1
1
10
100
1000
85
575
575
VCE = 400 V
VGE = 15 V
TJ = 150°C
IC = 60 A
td(off)
td(on)
tf
tr
VCE = 400 V
VGE = 15 V
TJ = 150°C
IC = 60 A
Eon
Eoff
td(off)
td(on)
tf
tr
VGE = 15 V
TJ = 150°C
IC = 60 A
Rg = 10
W
Eon
Eoff
VGE = 15 V
TJ = 150°C
IC = 60 A
Rg = 10
W
VGE = 15 V
TC = 150°C
50
ms
100
ms
1 ms
dc operation
Single Nonrepetitive
Pulse TC = 25°C
Curves must be derated
linearly with increase in
temperature


Similar Part No. - NGTB60N60SWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
More results

Similar Description - NGTB60N60SWG

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com