Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGTG15N120FL2WG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NGTG15N120FL2WG
Description  IGBT - Field Stop II
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGTG15N120FL2WG Datasheet(HTML) 1 Page - ON Semiconductor

  NGTG15N120FL2WG Datasheet HTML 1Page - ON Semiconductor NGTG15N120FL2WG Datasheet HTML 2Page - ON Semiconductor NGTG15N120FL2WG Datasheet HTML 3Page - ON Semiconductor NGTG15N120FL2WG Datasheet HTML 4Page - ON Semiconductor NGTG15N120FL2WG Datasheet HTML 5Page - ON Semiconductor NGTG15N120FL2WG Datasheet HTML 6Page - ON Semiconductor NGTG15N120FL2WG Datasheet HTML 7Page - ON Semiconductor NGTG15N120FL2WG Datasheet HTML 8Page - ON Semiconductor NGTG15N120FL2WG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2014
May, 2014 − Rev. 0
1
Publication Order Number:
NGTG15N120FL2W/D
NGTG15N120FL2WG
IGBT - Field Stop II
This Insulated Gate Bipolar Transistor (IGBT) features a robust and
cost effective Field Stop II Trench construction, and provides superior
performance in demanding switching applications, offering both low
on state voltage and minimal switching loss. The IGBT is well suited
for UPS and solar applications.
Features
Extremely Efficient Trench with Field Stop Technology
TJmax = 175°C
Optimized for High Speed Switching
10 ms Short Circuit Capability
These are Pb−Free Devices
Typical Applications
Solar Inverter
Uninterruptible Power Inverter Supplies (UPS)
Welding
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−emitter voltage
VCES
1200
V
Collector current
@ TC = 25
°C
@ TC = 100
°C
IC
30
15
A
Pulsed collector current, Tpulse
limited by TJmax
ICM
60
A
Gate−emitter voltage
Transient gate−emitter voltage
(Tpulse = 5 ms, D < 0.10)
VGE
$20
±30
V
Power Dissipation
@ TC = 25
°C
@ TC = 100
°C
PD
294
147
W
Short Circuit Withstand Time
VGE = 15 V, VCE = 500 V, TJ ≤ 150°C
TSC
10
ms
Operating junction temperature
range
TJ
−55 to +175
°C
Storage temperature range
Tstg
−55 to +175
°C
Lead temperature for soldering, 1/8”
from case for 5 seconds
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
TO−247
CASE 340AL
C
G
15 A, 1200 V
VCEsat = 2.0 V
Eoff = 0.37 mJ
E
Device
Package
Shipping
ORDERING INFORMATION
NGTG15N120FL2WG
TO−247
(Pb−Free)
30 Units / Rail
http://onsemi.com
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
G15N120FL2
AYWWG
G
E
C


Similar Part No. - NGTG15N120FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG Datasheet
169Kb / 9P
   IGBT - Short-Circuit Rated
August, 2012 ??Rev. 2
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
NGTG15N60S1EG ONSEMI-NGTG15N60S1EG_15 Datasheet
130Kb / 9P
   IGBT - Short-Circuit Rated
December, 2015 ??Rev. 5
More results

Similar Description - NGTG15N120FL2WG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB40N60FL2WG ONSEMI-NGTB40N60FL2WG_16 Datasheet
145Kb / 10P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG_16 Datasheet
242Kb / 11P
   IGBT - Field Stop II
December, 2016 ??Rev. 5
NGTB40N120FL2WG ONSEMI-NGTB40N120FL2WG Datasheet
151Kb / 10P
   IGBT - Field Stop II
April, 2015 ??Rev. 6
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG_16 Datasheet
217Kb / 11P
   IGBT - Field Stop II
September, 2016 ??Rev. 5
NGTB60N65FL2WG ONSEMI-NGTB60N65FL2WG Datasheet
109Kb / 8P
   IGBT - Field Stop II
October, 2016 ??Rev. 1
NGTB30N120FL2WG ONSEMI-NGTB30N120FL2WG Datasheet
112Kb / 8P
   IGBT - Field Stop II
July, 2015 ??Rev. 1
NGTB15N120FL2WG ONSEMI-NGTB15N120FL2WG Datasheet
204Kb / 10P
   IGBT - Field Stop II
September, 2015 ??Rev. 1
NGTB50N60FL2WG ONSEMI-NGTB50N60FL2WG Datasheet
243Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 3
NGTB50N65FL2WG ONSEMI-NGTB50N65FL2WG Datasheet
218Kb / 11P
   IGBT - Field Stop II
July, 2015 ??Rev. 4
NGTB35N65FL2WG ONSEMI-NGTB35N65FL2WG Datasheet
99Kb / 8P
   IGBT - Field Stop II
September, 2016 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com