Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DEN802 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DEN802
Description  Lead (Pb)-Bearing Thick Film Chip Resistors with CECC Approval, Available with Established Reliability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DEN802 Datasheet(HTML) 1 Page - Vishay Siliconix

  DEN802 Datasheet HTML 1Page - Vishay Siliconix DEN802 Datasheet HTML 2Page - Vishay Siliconix DEN802 Datasheet HTML 3Page - Vishay Siliconix DEN802 Datasheet HTML 4Page - Vishay Siliconix DEN802 Datasheet HTML 5Page - Vishay Siliconix DEN802 Datasheet HTML 6Page - Vishay Siliconix DEN802 Datasheet HTML 7Page - Vishay Siliconix DEN802 Datasheet HTML 8Page - Vishay Siliconix DEN802 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
D.. EN802
www.vishay.com
Vishay Draloric
Revision: 01-Sep-15
1
Document Number: 28808
For technical questions, contact: thickfilmchip@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Lead (Pb)-Bearing Thick Film Chip Resistors with
CECC Approval, Available with Established Reliability
FEATURES
• IECQ-CECC
approved
to
EN 140401-802,
version E, with established reliability, failure rate
level E6
• IECQ-CECC
approved
to
EN 140401-802,
version A, without failure rate level
• SnPb termination plating on Ni barrier, minimum 10 % Pb
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Military
•Avionics
• Industrial
Notes
• Specifications given for a product description ending “EN802 ..” apply likewise to both product versions, the “Version A”, whose description
ends with “EN802 E0” and the “Version E”, whose description ends with “EN802 E6”.
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime.
Note
• Failure rate level E6 (10-6/h,
πQ = 0.3), equivalent to MIL level P, is superior to level E5 (10-5/h, πQ = 1) and thus can be used as a replacement.
TECHNICAL SPECIFICATIONS
DESCRIPTION
D12 EN802 ..
D25 EN802 ..
Imperial size
0805
1206
Metric size code (EN/CECC style)
RR2012M
RR3216M
Resistance range
1
Ω to 1 MΩ; 0 Ω
Resistance tolerance
± 5 %, ± 1 %
Temperature coefficient
± 200 ppm/K, ± 100 ppm/K, ± 50 ppm/K
Rated dissipation,
P70
0.125 W
0.25 W
Operating voltage,
Umax. ACRMS or DC
150 V
200 V
Permissible film temperature,
ϑF max.
125 °C
Operating temperature range
-55 °C to 125 °C
Max. resistance change at
P70
for resistance, |
ΔR/R| max. after:
± 1 % tolerance products: 10
Ω to 1 MΩ
1000 h
≤ 1 %
8000 h
≤ 2 %
Insulation resistance
≥ 1 GΩ
Permissible voltage against ambient
(insulation):
1 min;
Uins
200 V
300 V
TECHNICAL SPECIFICATIONS for “Version A”
DESCRIPTION
D12 EN802 E0
D25 EN802 E0
Nominal failure rate level
E0
Quality factor,
πQ
3
Failure rate, FITobserved
< 0.1 x 10-9/h
TECHNICAL SPECIFICATIONS for “Version E”
DESCRIPTION
D12 EN802 E6
D25 EN802 E6
Assessed failure rate level
E6 = 10-6/h
Quality factor,
πQ
0.3
Failure rate, FITobserved
< 0.1 x 10-9/h


Similar Part No. - DEN802

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DEN SCHURTER-DEN Datasheet
315Kb / 1P
   Low frequency ground wire choke, fully potted resign
DEN SCHURTER-DEN Datasheet
199Kb / 2P
   Low frequency ground wire choke, fully potted resign
DEN SCHURTER-DEN Datasheet
209Kb / 2P
   Low frequency ground wire choke, fully potted resign
DEN SCHURTER-DEN Datasheet
210Kb / 2P
   Low frequency ground wire choke, fully potted resign
04.01.2022
DEN-25-0001 SCHURTER-DEN-25-0001 Datasheet
315Kb / 1P
   Low frequency ground wire choke, fully potted resign
More results

Similar Description - DEN802

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCWEN802 VISHAY-CRCWEN802 Datasheet
129Kb / 9P
   Thick Film Chip Resistors with CECC Approval,available with Established Reliability
Revision: 01-Sep-15
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0402475RFKED VISHAY-CRCW0402475RFKED Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120675K0FKEA VISHAY-CRCW120675K0FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW25122K40JNEG VISHAY-CRCW25122K40JNEG Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805200KFKEA VISHAY-CRCW0805200KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805100RFKTA VISHAY-CRCW0805100RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com