Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIH2SM1000A-HHC Datasheet(PDF) 11 Page - ON Semiconductor

Part # NOIH2SM1000A-HHC
Description  HAS2 Image Sensor
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIH2SM1000A-HHC Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NOIH2SM1000A-HHC Datasheet HTML 7Page - ON Semiconductor NOIH2SM1000A-HHC Datasheet HTML 8Page - ON Semiconductor NOIH2SM1000A-HHC Datasheet HTML 9Page - ON Semiconductor NOIH2SM1000A-HHC Datasheet HTML 10Page - ON Semiconductor NOIH2SM1000A-HHC Datasheet HTML 11Page - ON Semiconductor NOIH2SM1000A-HHC Datasheet HTML 12Page - ON Semiconductor NOIH2SM1000A-HHC Datasheet HTML 13Page - ON Semiconductor NOIH2SM1000A-HHC Datasheet HTML 14Page - ON Semiconductor NOIH2SM1000A-HHC Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
NOIH2SM1000A
www.onsemi.com
11
Table 15. GLASS LID SPECIFICATIONS
No.
Characteristic
Min
Typ
Max
Unit
Remarks
1a
XY size
26.7 x 26.7 26.8 x 26.8 26.9 x 26.9
mm
1b
Thickness
1.4
1.5
1.6
mm
2a
Spectral range for optical coating of
window
440
NA
1100
nm
2b
Reflection coefficient for window
NA
<0.8
<1.3
%
Over bandwidth indicated in 2a
3
Optical quality:
Scratch max width
Scratch max number
Dig max size
Dig max number
N/A
N/A
10
5
60
25
mm
Table 16. ENVIRONMENTAL SPECIFICATIONS
No.
Characteristic
Min
Typ
Max
Unit
Remarks
1
Operating temperature
–40
NA
+85
°C
2
Storage temperature
–55
NA
+125
°C
Lower storage temperatures (up to
–80°C) have been tested and the
device survives, but this is not a
fully qualified temperature.
3
Sensor total dose radiation tolerance
N/A
42
N/A
krad (Si)
Tested for functionality up to
300 krad, 42 krad is guaranteed
4
Sensor SEL threshold with ADC enabled
NA
NA
>110
MeV cm3
mg-1
Equivalent LET value
Table 17. ELECTRICAL SPECIFICATIONS
No
Characteristic
Min
Typ
Max
Unit
Remarks
1
Total power supply current stand-by
15
19
23
mA
2
Total power supply current, operational
24
28.5
33.5
mA
ADC at 5 MHz sampling rate
measured
3
Power supply current to ADC,
operational: analog + digital
17
19
21
mA
ADC at 5 MHz sampling rate
measured
4
Power supply current to image core,
operational
14
15.5
17
mA
5
Input impedance digital input
3
NA
NA
MW
6
Input impedance ADC input
3
NA
NA
MW
7
Output amplifier voltage range
2.2
2.45
2.6
V
8
Output amplifier gain setting 0
NA
1
NA
Nominal 1
measured reference
9
Output amplifier gain setting 1
1.9
2.1
2.3
Nominal 2
relative to setting 0
10
Output amplifier gain setting 2
3.8
4.1
4.4
Nominal 4
relative to setting 0
11
Output amplifier gain setting 3
7.2
7.7
8.2
Nominal 8
relative to setting 0
12
Output amplifier offset setting 0
0.9
0.95
1.0
V
0 decodes to middle value
13
Output amplifier offset setting 31
1.31
1.36
1.41
V
14
Output amplifier offset setting 32
0.5
0.56
0.62
V
15
Output amplifier offset setting 63
0.88
0.93
0.98
V
16
ADC ladder network resistance
NA
1.8
NA
kW
Typical value


Similar Part No. - NOIH2SM1000A-HHC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOICP1SN025KA-GTI ONSEMI-NOICP1SN025KA-GTI Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
NOII4SM014KA ONSEMI-NOII4SM014KA Datasheet
586Kb / 25P
   Image Sensor
June, 2011 - Rev. 7
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
NOII4SM6600A-QDC ONSEMI-NOII4SM6600A-QDC Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
More results

Similar Description - NOIH2SM1000A-HHC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII4SM014KA ONSEMI-NOII4SM014KA Datasheet
586Kb / 25P
   Image Sensor
June, 2011 - Rev. 7
logo
List of Unclassifed Man...
KAI-1010 ETC2-KAI-1010 Datasheet
1,018Kb / 37P
   Image Sensor
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
AMI SEMICONDUCTOR
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com