Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOIH2SM1000S-HWC Datasheet(PDF) 8 Page - ON Semiconductor

Part # NOIH2SM1000S-HWC
Description  HAS2 Image Sensor
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIH2SM1000S-HWC Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NOIH2SM1000S-HWC Datasheet HTML 4Page - ON Semiconductor NOIH2SM1000S-HWC Datasheet HTML 5Page - ON Semiconductor NOIH2SM1000S-HWC Datasheet HTML 6Page - ON Semiconductor NOIH2SM1000S-HWC Datasheet HTML 7Page - ON Semiconductor NOIH2SM1000S-HWC Datasheet HTML 8Page - ON Semiconductor NOIH2SM1000S-HWC Datasheet HTML 9Page - ON Semiconductor NOIH2SM1000S-HWC Datasheet HTML 10Page - ON Semiconductor NOIH2SM1000S-HWC Datasheet HTML 11Page - ON Semiconductor NOIH2SM1000S-HWC Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
NOIH2SM1000A
www.onsemi.com
8
Table 9. SCREENING
No.
Test Condition
Number of Devices
Test Method
Test
8
Temperature cycling
MIL-STD-883 method 1010
All
B - 10 cycles
–55°C +125°C
9
Biased Burn-in
MIL-STD-883 method 1015
All
240 h at +125°C
10
Mobile Particle Detection
MIL-STD-883 method 2020
All
A
11
Fine leak test
MIL-STD-883 method 1014
All
A
12
Gross leak test
MIL-STD-883 method 1014
All
C
13
HCRT Electrical measurements
12MBE83443F
All
HT +85°C
LT –40°C
RT +22°C
14
Final Visual Inspection
12MON56972E
All
Figure 2. HAS2 Assembly LAT Flow


Similar Part No. - NOIH2SM1000S-HWC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOICP1SN025KA-GTI ONSEMI-NOICP1SN025KA-GTI Datasheet
969Kb / 85P
   PYTHON 25K/16K Global Shutter CMOS Image Sensors
January, 2022 ??Rev. 5
NOII4SM014KA ONSEMI-NOII4SM014KA Datasheet
586Kb / 25P
   Image Sensor
June, 2011 - Rev. 7
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
NOII4SM6600A-QDC ONSEMI-NOII4SM6600A-QDC Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
More results

Similar Description - NOIH2SM1000S-HWC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII4SM014KA ONSEMI-NOII4SM014KA Datasheet
586Kb / 25P
   Image Sensor
June, 2011 - Rev. 7
logo
List of Unclassifed Man...
KAI-1010 ETC2-KAI-1010 Datasheet
1,018Kb / 37P
   Image Sensor
logo
AMI SEMICONDUCTOR
AMIS-721250 AMI-AMIS-721250 Datasheet
627Kb / 12P
   Contact Image Sensor
PI3033B AMI-PI3033B Datasheet
921Kb / 13P
   Contact Image Sensor
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
   CCD IMAGE SENSOR
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
logo
List of Unclassifed Man...
PS50276 ETC2-PS50276 Datasheet
65Kb / 1P
   CMOS Image Sensor
logo
AMI SEMICONDUCTOR
AMIS-720233 AMI-AMIS-720233 Datasheet
461Kb / 12P
   Contact Image Sensor
AMIS-720341 AMI-AMIS-720341 Datasheet
1Mb / 16P
   Contact Image Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com