Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOII5SC1300A-QDC Datasheet(PDF) 7 Page - ON Semiconductor

Part # NOII5SC1300A-QDC
Description  IBIS5 1.3 Megapixel CMOS Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOII5SC1300A-QDC Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NOII5SC1300A-QDC Datasheet HTML 3Page - ON Semiconductor NOII5SC1300A-QDC Datasheet HTML 4Page - ON Semiconductor NOII5SC1300A-QDC Datasheet HTML 5Page - ON Semiconductor NOII5SC1300A-QDC Datasheet HTML 6Page - ON Semiconductor NOII5SC1300A-QDC Datasheet HTML 7Page - ON Semiconductor NOII5SC1300A-QDC Datasheet HTML 8Page - ON Semiconductor NOII5SC1300A-QDC Datasheet HTML 9Page - ON Semiconductor NOII5SC1300A-QDC Datasheet HTML 10Page - ON Semiconductor NOII5SC1300A-QDC Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
NOII5SM1300A
http://onsemi.com
7
Spectral Response Curve
Figure 6. Spectral Response Curve
QE 10%
QE 20%
QE 30%
QE 40%
0
0.025
0.05
0.075
0.1
0.125
0.15
0.175
0.2
0.225
400
W a ve le nght [nm]
NOII5SM1300A
NOII5FM1300A
500
600
700
800
900
1000
Figure 6 shows the spectral response characteristic for the
NOII5SM1300A and the NOII5FM1300A.
The curve is measured directly on the pixels. It includes
effects of non-sensitive areas in the pixel, for example,
interconnection lines. The sensor is light sensitive between
400 and 1000 nm. The peak QE x FF is 30%, approximately
around 650 nm. In view of a fill factor of 40%, the QE is thus
close to 75% between 500 and 700 nm. The
NOII5FM1300A has superior response in the NIR region
(700-900 nm).


Similar Part No. - NOII5SC1300A-QDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII4SM014KA ONSEMI-NOII4SM014KA Datasheet
586Kb / 25P
   Image Sensor
June, 2011 - Rev. 7
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
NOII4SM6600A-QDC ONSEMI-NOII4SM6600A-QDC Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A-QDC ONSEMI-NOII4SM6600A-QDC Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
More results

Similar Description - NOII5SC1300A-QDC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYII5SM1300AB CYPRESS-CYII5SM1300AB_11 Datasheet
1Mb / 35P
   IBIS5 1.3 Megapixel CMOS Image Sensor
logo
Micron Technology
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
   1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
   1.3 Megapixel CMOS Sensor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
Micron Technology
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
   1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
logo
Cypress Semiconductor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com