Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOII5FM1300A-QDC Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOII5FM1300A-QDC
Description  IBIS5 1.3 Megapixel CMOS Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOII5FM1300A-QDC Datasheet(HTML) 1 Page - ON Semiconductor

  NOII5FM1300A-QDC Datasheet HTML 1Page - ON Semiconductor NOII5FM1300A-QDC Datasheet HTML 2Page - ON Semiconductor NOII5FM1300A-QDC Datasheet HTML 3Page - ON Semiconductor NOII5FM1300A-QDC Datasheet HTML 4Page - ON Semiconductor NOII5FM1300A-QDC Datasheet HTML 5Page - ON Semiconductor NOII5FM1300A-QDC Datasheet HTML 6Page - ON Semiconductor NOII5FM1300A-QDC Datasheet HTML 7Page - ON Semiconductor NOII5FM1300A-QDC Datasheet HTML 8Page - ON Semiconductor NOII5FM1300A-QDC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
© Semiconductor Components Industries, LLC, 2013
May, 2013 − Rev. 12
1
Publication Order Number:
NOII5SM1300A/D
NOII5SM1300A
IBIS5 1.3 Megapixel CMOS
Image Sensor
Features
1280 x 1024 Active Pixels
6.7 mm x 6.7 mm Square Pixels
2/3” Optical Format
Global and Rolling Shutter
Master Clock: 40 MHz
27 fps (1280 x 1024) and 106 fps (640 x 480)
On-chip 10-bit ADCs
Serial Peripheral Interface (SPI)
Windowing (ROI)
Sub-sampling: 1:2 Mode
Supply Voltage
Analog: 3.0 V to 4.5 V
Digital: 3.3 V
I/O: 3.3 V
Power Consumption: 200 mW
−30°C to +65°C Operating Temperature Range
84-pin LCC Package
These Devices are Pb−Free and are RoHS Compliant
Applications
Machine Vision
Robotics
Inspection
Traffic Monitoring
Description
The IBIS5-1300 is a solid state CMOS image sensor that integrates the functionality of complete analog image acquisition,
digitizer, and digital signal processing system on a single chip. This 1.3-mega pixel (1280 x 1024) CMOS active pixel sensor
dedicated to industrial vision applications features both rolling and snapshot (or global) shutter. Full frame readout time is
36 ms (max. 27.5 fps), and readout speed are boosted by windowed region of interest (ROI) readout. Another feature includes
the double and multiples slope functionality to capture high dynamic range scenes. The sensor is available in a monochrome
version or Bayer (RGB) patterned color filter array.
User programmable row and column start/stop positions allow windowing down to a 2x1 pixel window for digital zoom.
Sub sampling or viewfinder mode reduces resolution while maintaining the constant field of view and an increased frame
rate. An on-chip analog signal pipeline processes the analog video output of the pixel array. Double sampling (DS) eliminates
the fixed pattern noise. The programmable gain and offset amplifier maps the signal swing to the ADC input range. A 10-bit
ADC converts the analog data to a 10-bit digital word stream. The sensor uses a 3-wire serial peripheral interface (SPI), or a
16-bit parallel interface. It operates with a 3.3 V power supply and requires only one master clock for operation up to 40 MHz.
It is housed in an 84-pin ceramic LCC package.
ORDERING INFORMATION
Marketing Part Number
Description
Package
Device Status
NOII5SM1300A-QDC
Mono with glass
84−pin LCC
End−of−Life (EOL)
Last Time Buy
PCN Close date:
October 29, 2011
NOII5SM1300A-QWC
Mono without glass
NOII5SC1300A-QDC
Color with glass
NOII5FM1300A-QDC
Mono on thicker epitaxial layer, with glass
NOTE: See Ordering Code Information on page 33 for more information.
http://onsemi.com
Figure 1. IBIS5−1300 Photo


Similar Part No. - NOII5FM1300A-QDC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOII4SM014KA ONSEMI-NOII4SM014KA Datasheet
586Kb / 25P
   Image Sensor
June, 2011 - Rev. 7
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
NOII4SM6600A-QDC ONSEMI-NOII4SM6600A-QDC Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A-QDC ONSEMI-NOII4SM6600A-QDC Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
More results

Similar Description - NOII5FM1300A-QDC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYII5SM1300AB CYPRESS-CYII5SM1300AB_11 Datasheet
1Mb / 35P
   IBIS5 1.3 Megapixel CMOS Image Sensor
logo
Micron Technology
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
   1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
   1.3 Megapixel CMOS Sensor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
Micron Technology
MT9M112 MICRON-MT9M112 Datasheet
843Kb / 2P
   1/4-Inch, 1.3 Megapixel CMOS Image Sensor System-on-Chip
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
logo
Cypress Semiconductor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com