Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3P8504 Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCS3P8504
Description  General Purpose Peak EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCS3P8504 Datasheet(HTML) 1 Page - ON Semiconductor

  PCS3P8504 Datasheet HTML 1Page - ON Semiconductor PCS3P8504 Datasheet HTML 2Page - ON Semiconductor PCS3P8504 Datasheet HTML 3Page - ON Semiconductor PCS3P8504 Datasheet HTML 4Page - ON Semiconductor PCS3P8504 Datasheet HTML 5Page - ON Semiconductor PCS3P8504 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 3
1
Publication Order Number:
PCS3P8504A/D
PCS3P8504A
General Purpose Peak EMI
Reduction IC
Functional Description
PCS3P8504A is a versatile, 3.3 V Timing−Safe
™ Peak EMI
reduction IC. PCS3P8504A accepts an input clock either from a
fundamental Crystal or from an external reference (AC or DC coupled
to XIN/CLKIN) and locks on to it delivering a 1x modulated clock
output. PCS3P8504A has a SSON pin for enabling and disabling
Spread Spectrum function.
PCS3P8504A has an SSEXTR pin to select different deviations
depending upon the value of an external resistor connected between
SSEXTR and GND. Modulation Rate (MR) control selects one of the
two different Modulation Rates.
PCS3P8504A operates from a 3.3 V supply, and is available in an
8−pin, WDFN(2 mm x 2 mm) package.
General Features
1x, LVCMOS Peak EMI Reduction
Input frequency:
15 MHz − 50 MHz
Output frequency:
15 MHz − 50 MHz
Analog Deviation Selection
ModRate selection option
Spread Spectrum Enable/Disable
Supply Voltage: 3.3 V $ 0.3 V
8−pin, WDFN 2 mm x 2 mm (TDFN) Package
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Application
PCS3P8504A is targeted for consumer electronics application like
DPF, MFP.
WDFN8
CASE 511AQ
MARKING
DIAGRAMS
http://onsemi.com
PIN CONFIGURATION
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
PCS3P8504A
1
DAMG
G
1
DA = Specific Device Code
M
= Date Code
G
= Pb−Free Device
1
2
3
4
8
7
6
5
XIN/CLKIN
XOUT
SSON
GND
VDD
SSEXTR
MR
ModOUT
(Note: Microdot may be in either location)


Similar Part No. - PCS3P8504

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P8504AG-08CR ONSEMI-PCS3P8504AG-08CR Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P8504AG-08CR ONSEMI-PCS3P8504AG-08CR Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
More results

Similar Description - PCS3P8504

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
PCS3PS550A ONSEMI-PCS3PS550A Datasheet
126Kb / 7P
   General Purpose Peak EMI Reduction IC
July, 2010 ??Rev. 1
PCS3P8504A ONSEMI-PCS3P8504A_17 Datasheet
77Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2017 ??Rev. 4
PCS3P2005A ONSEMI-PCS3P2005A Datasheet
124Kb / 7P
   General Purpose Peak EMI Reduction IC
August, 2011 ??Rev. P2
PCS3P7303A ONSEMI-PCS3P7303A Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
JANUARY 2010 ??Rev. 2
PCS3P8504A ONSEMI-PCS3P8504A Datasheet
159Kb / 6P
   General Purpose Peak EMI Reduction IC
July, 2010 -- Rev. 1
PCS3P7303 ONSEMI-PCS3P7303 Datasheet
188Kb / 10P
   General Purpose Peak EMI Reduction IC
November 2010 ??Rev. 3
PCS3P7303A ONSEMI-PCS3P7303A_14 Datasheet
162Kb / 9P
   General Purpose Peak EMI Reduction IC
October, 2014 ??Rev. 0
PCS3PS550A ONSEMI-PCS3PS550A_15 Datasheet
76Kb / 7P
   General Purpose Peak EMI Reduction IC
September, 2015 ??Rev. 2
P3P8203A ONSEMI-P3P8203A Datasheet
116Kb / 6P
   General Purpose Peak EMI Reduction IC
August, 2012 ??Rev. 0
P3I2005A ONSEMI-P3I2005A Datasheet
117Kb / 6P
   General Purpose Peak EMI Reduction IC
June, 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com