Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS5223 Datasheet(PDF) 4 Page - ON Semiconductor

Part # SLAS5223
Description  Ultra-Low Dual SPDT Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SLAS5223 Datasheet(HTML) 4 Page - ON Semiconductor

  SLAS5223 Datasheet HTML 1Page - ON Semiconductor SLAS5223 Datasheet HTML 2Page - ON Semiconductor SLAS5223 Datasheet HTML 3Page - ON Semiconductor SLAS5223 Datasheet HTML 4Page - ON Semiconductor SLAS5223 Datasheet HTML 5Page - ON Semiconductor SLAS5223 Datasheet HTML 6Page - ON Semiconductor SLAS5223 Datasheet HTML 7Page - ON Semiconductor SLAS5223 Datasheet HTML 8Page - ON Semiconductor SLAS5223 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SLAS5223
http://onsemi.com
4
SLAS5223 DC CHARACTERISTICS − DIGITAL SECTION (Voltages Referenced to GND)
Symbol
Parameter
Condition
VCC
Guaranteed Limit
Unit
25°C
−40
°C to +85°C
VIH
Minimum High−Level Input Voltage, Select
Inputs
3.0
3.6
1.4
1.7
1.4
1.7
V
VIL
Maximum Low−Level Input Voltage, Select
Inputs
3.0
3.6
0.7
0.8
0.7
0.8
V
IIN
Maximum Input Leakage Current, Select
Inputs
VIN = 3.6 V or GND
3.6
±0.1
±1.0
mA
IOFF
Power Off Leakage Current
VIN = 3.6 V or GND
0
±0.5
±2.0
mA
ICC
Maximum Quiescent Supply Current
(Note 2)
Select and VIS = VCC or GND
1.65 to 3.6
±1.0
±2.0
mA
2. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
SLAS5223 DC ELECTRICAL CHARACTERISTICS − ANALOG SECTION
Symbol
Parameter
Condition
VCC
Guaranteed Maximum Limit
Unit
25°C
−40°C to +85°C
Min
Max
Min
Max
RON
NC/NO On−Resistance
(Note 3)
VIN = VIL or VIN = VIH
VIS = GND to VCC
ICOM = 100 mA
3.0
3.6
0.3
0.3
0.4
0.4
W
RFLAT
NC/NO On−Resistance Flatness
(Notes 3 and 4)
ICOM = 100 mA
VIS = 0 to VCC
3.0
3.6
0.15
0.15
0.15
0.15
W
DRON
On−Resistance Match Between Channels
(Notes 3 and 5)
VIS = 1.5 V;
ICOM = 100 mA
VIS = 1.8 V;
ICOM = 100 mA
3.0
3.6
0.05
0.05
0.05
0.05
W
INC(OFF)
INO(OFF)
NC or NO Off Leakage Current (Note 3)
VIN = VIL or VIH
VNO or VNC = 0.3 V
VCOM = 3.3 V
3.6
−10
10
−100
100
nA
ICOM(ON) COM ON
Leakage Current
(Note 3)
VIN = VIL or VIH
VNO 0.3 V or 3.3 V with
VNC floating or
VNC 0.3 V or 3.3 V with
VNO floating
VCOM = 0.3 V or 3.3 V
3.6
−10
10
−100
100
nA
3. Guaranteed by design. Resistance measurements do not include test circuit or package resistance.
4. Flatness is defined as the difference between the maximum and minimum value of On−resistance as measured over the specified analog
signal ranges.
5. DRON = RON(MAX) − RON(MIN) between NC1 and NC2 or between NO1 and NO2.


Similar Part No. - SLAS5223

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
SLAS191A TI-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
SLAS753 TI1-SLAS753 Datasheet
627Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
SLAS753A TI1-SLAS753A Datasheet
627Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
SLAS753B TI1-SLAS753B Datasheet
627Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - SLAS5223

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS52231 ONSEMI-NLAS52231_08 Datasheet
155Kb / 9P
   Ultra-Low Dual SPDT Analog Switch
September, 2008 ??Rev. 2
NLAS5223 ONSEMI-NLAS5223_15 Datasheet
108Kb / 10P
   Ultra-Low 0.5 Dual SPDT Analog Switch
September, 2015 ??Rev. 6
NLAS4685 ONSEMI-NLAS4685 Datasheet
93Kb / 10P
   Ultra-Low Resistance Dual SPDT Analog Switch
August, 2005 ??Rev. 2
NLAS5223B ONSEMI-NLAS5223B_11 Datasheet
165Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
October, 2011 ??Rev. 8
NLAS5223B ONSEMI-NLAS5223B_15 Datasheet
117Kb / 11P
   Ultra-Low 0.35 Dual SPDT Analog Switch
August, 2015 ??Rev. 9
NLAS4684 ONSEMI-NLAS4684 Datasheet
134Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
January, 2007 ??Rev. 15
NLAS4684 ONSEMI-NLAS4684_08 Datasheet
179Kb / 14P
   Ultra-Low Resistance Dual SPDT Analog Switch
September, 2008 ??Rev. 20
NS5A4684SMNTBG ONSEMI-NS5A4684SMNTBG Datasheet
139Kb / 8P
   Ultra-Low Resistance Dual SPDT Analog Switch
March, 2013 ??Rev. 1
logo
SG Micro Corp
SGM5223 SGMICRO-SGM5223_15 Datasheet
326Kb / 11P
   Ultra Low ON-Resistance Dual SPDT Analog Switch
logo
ON Semiconductor
NLAS5223 ONSEMI-NLAS5223_06 Datasheet
115Kb / 11P
   Ultra-Low 0.5 ohm Dual SPDT Analog Switch
September, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com