Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE9020 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # ACE9020
Description  Receiver and Transmitter Interface
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

ACE9020 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  ACE9020 Datasheet HTML 1Page - Mitel Networks Corporation ACE9020 Datasheet HTML 2Page - Mitel Networks Corporation ACE9020 Datasheet HTML 3Page - Mitel Networks Corporation ACE9020 Datasheet HTML 4Page - Mitel Networks Corporation ACE9020 Datasheet HTML 5Page - Mitel Networks Corporation ACE9020 Datasheet HTML 6Page - Mitel Networks Corporation ACE9020 Datasheet HTML 7Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ACE9020
Power Control Circuits
The inputs PD1 and PD2 are used to select the operating
modes as shown below:
PD1
PD2
Mode
0
0
Sleep
All circuits off
1
0
Standby
Prescaler On
1
1
Transmit Set Up
Prescaler, VHF
oscillator on. Upconverter off
0
1
Duplex
All circuits on
The power down inputs (PD1, PD2) are compatible with
ACE9030 digital outputs (DO5, 6, 7). These modes allow
circuit operation and power consumption to be optimised. The
ACE9020 can be put in sleep mode (0, 0) when the power
consumption is minimal. The standby mode (1, 0) is used
when the phone is in standby (receive only). The prescaler is
operational to maintain the main UHF PLL; all circuitry
associated with transmit functions is turned off.
There is an intermediate transmit set up state (1, 1). This
allows the VHF oscillator and phase locked loop to stabilise
before enabling the upconverter, preventing spurious
transmissions. The time required for this state will be
determined primarily by the VHF PLL settling time. The power
down inputs can then be set to (0, 1) the full duplex condition.
The intermediate state should also be used during a ‘handoff’
during conversation on an analogue cellular phone, the VHF
PLL continuing to operate while the main UHF PLL changes
channel, the transmit output being disabled. It is also
recommended that the intermediate state is used when going
from duplex (0, 1) to standby (1, 0) modes.
Operating Notes
Good RF layout techniques should be used for this device
to obtain optimum performance and also minimise crosstalk
between circuit blocks. RF supply decoupling should be
provided adjacent to Vcc pins; a value of 27pF is
recommended.
Two external bias resistors are required. A 22k
Ω resistor
is connected from BIAS REF (Pin 4) to ground. This sets an
accurate reference current for the chip. An 18k resistor is
connected from RSET TXPA (Pin 8) to ground which controls
the output level of the VHF oscillator and hence the TXPA
output level.
Fig. 4 Application Diagram


Similar Part No. - ACE9020

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
ACE9020 MITEL-ACE9020 Datasheet
379Kb / 39P
   Radio Interface and Twin Synthesiser
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
ACE9020B ZARLINK-ACE9020B Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
ACE9020KG ZARLINK-ACE9020KG Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
ACE9020NP1S ZARLINK-ACE9020NP1S Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
More results

Similar Description - ACE9020

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ACE9020 ZARLINK-ACE9020 Datasheet
417Kb / 6P
   Receiver and Transmitter Interface
logo
Texas Instruments
DIX4192IPFBG4 TI1-DIX4192IPFBG4 Datasheet
1Mb / 64P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Burr-Brown (TI)
DIX4192 BURR-BROWN-DIX4192 Datasheet
806Kb / 60P
   Integrated Digital Audio Interface Receiver and Transmitter
logo
Texas Instruments
DIX4192 TI1-DIX4192_16 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1_17 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
DIX4192-Q1 TI1-DIX4192-Q1 Datasheet
790Kb / 65P
[Old version datasheet]   Integrated Digital Audio Interface Receiver and Transmitter
logo
Logic Fruit Technologie...
JESD204C LFTECH-JESD204C Datasheet
640Kb / 3P
   Transmitter and Receiver
JESD204B LFTECH-JESD204B Datasheet
422Kb / 3P
   Transmitter and Receiver
logo
Exar Corporation
XR-T3588 EXAR-XR-T3588 Datasheet
190Kb / 12P
   V.35 Interface Receiver/Transmitter
logo
TEMIC Semiconductors
U2532B TEMIC-U2532B Datasheet
83Kb / 10P
   IR Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com