Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301470179 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301470179
Description  Watertite Receptacle with Locking Blade, Single Flip Coverplate, 4 Pole/5 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301470179 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301470179 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301470179
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Receptacle with Locking Blade, Single Flip Coverplate, 4 Pole/5 Wire,
NEMA L23-30, 3ø 600V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
UL
E68122
General
Product Family
Wiring Devices
Series
130147
IP Rating
IP67
NEMA Configuration
NEMA L23-30
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Single
Specialty
N/A
Type
Receptacle
UPC
78678871584
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
Yes
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
4-pole/5-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
30.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
3Ø 600V
Material Info
Old Part Number
69W83
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130147 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301470179

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301470170 MOLEX11-1301470170 Datasheet
38Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
1301470172 MOLEX11-1301470172 Datasheet
40Kb / 1P
   Watertite Receptacle Flip Coverplate with California Style Locking Blade
1301470175 MOLEX11-1301470175 Datasheet
41Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
1301470176 MOLEX11-1301470176 Datasheet
41Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate,
1301470177 MOLEX11-1301470177 Datasheet
42Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate
More results

Similar Description - 1301470179

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130147-0154 MOLEX11-130147-0154 Datasheet
40Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate, 4 Pole/5 Wire
1301470151 MOLEX11-1301470151 Datasheet
33Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate, 4 Pole/5 Wire
1301470163 MOLEX11-1301470163 Datasheet
38Kb / 1P
   Watertite Male Receptacle with Locking Blade, Single Flip Coverplate, 4 Pole/5 Wire
1301470165 MOLEX11-1301470165 Datasheet
38Kb / 1P
   Watertite Male Receptacle with Locking Blade, Single Flip Coverplate, 4 Pole/5 Wire
1301470139 MOLEX11-1301470139 Datasheet
48Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate, 4 Pole/4 Wire
1301470147 MOLEX11-1301470147 Datasheet
41Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate, 3 Pole/4 Wire
130147-0175 MOLEX11-130147-0175 Datasheet
48Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate, 3 Pole/4 Wire,
130147-0174 MOLEX11-130147-0174 Datasheet
48Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate, 3 Pole/4 Wire
1301470150 MOLEX11-1301470150 Datasheet
41Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate, 3 Pole/4 Wire
130147-0173 MOLEX11-130147-0173 Datasheet
48Kb / 1P
   Watertite Receptacle with Locking Blade, Single Flip Coverplate, 3 Pole/4 Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com