Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C1128 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C1128
Description  SMA Female to N Male Cable Using PE-P142LL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C1128 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C1128 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C1128 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C1128 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C1128 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
SMA Female
Connector 2
N Male
Cable Type
PE-P142LL
Electrical Specifications
Frequency Range
DC to 18 GHz
Impedance
50 Ohms
Maximum VSWR
1.35:1
Velocity of Propagation
83 %
RF Shielding
95 dB
Typical Performance by Frequency
Frequency 1
Frequency
400 MHz
Insertion Loss,
0 dB/ft [0.15 dB/m]
Power Handling, KWatts
1.2
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.072 dB/ft [0.24 dB/m]
Power Handling
700 Watts
Frequency 3
Frequency
2 MHz
Insertion Loss
0.103 dB/ft [0.34 dB/m]
Power Handling
500 Watts
Frequency 4
Frequency
3 GHz
Insertion Loss
0.127 dB/ft [0.42 dB/m]
Power Handling
400 Watts
Frequency 5
Frequency
5 GHz
Insertion Loss
0.166 dB/ft [0.54 dB/m]
Power Handling
300 Watts
Frequency 6
Frequency
10 GHz
Insertion Loss
0.24 dB/ft [0.79 dB/m]
Power Handling
220 Watts
Frequency 7
Frequency
18 GHz
Insertion Loss
0.33 dB/ft [1.08 dB/m]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female to N Male Cable Using PE-P142LL Coax, RoHS PE3C1128
PE3C1128 REV 1.0
PE3C1128
SMA Female to N Male Cable Using PE-P142LL Coax, RoHS


Similar Part No. - PE3C1128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C1128-100CM PASTERNACK-PE3C1128-100CM Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 100 cm Length Using PE-P142LL Coax, RoHS
PE3C1128-12 PASTERNACK-PE3C1128-12 Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 12 Inch Length Using PE-P142LL Coax, RoHS
PE3C1128-150CM PASTERNACK-PE3C1128-150CM Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 150 cm Length Using PE-P142LL Coax, RoHS
PE3C1128-200CM PASTERNACK-PE3C1128-200CM Datasheet
495Kb / 5P
   N Male to SMA Female Low Loss Cable 200 cmLength Using PE-P142LL Coax, RoHS
PE3C1128-24 PASTERNACK-PE3C1128-24 Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 24 Inch Length Using PE-P142LL Coax, RoHS
More results

Similar Description - PE3C1128

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2162 PASTERNACK-PE3C2162 Datasheet
437Kb / 5P
   SMA Male to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C0689 PASTERNACK-PE3C0689 Datasheet
419Kb / 5P
   SMA Male to N Male Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C3205 PASTERNACK-PE3C3205 Datasheet
415Kb / 5P
   SMA Female to TNC Male Low Loss Cable Using PE-P142LL Coax, RoHS
PE340 PASTERNACK-PE340 Datasheet
348Kb / 4P
   SMA Male to SMA Female Low Loss Test Cable Using PE-P142LL Coax, RoHS
PE3C1239 PASTERNACK-PE3C1239 Datasheet
414Kb / 5P
   SMA Female to SMA Female Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C1128-48 PASTERNACK-PE3C1128-48 Datasheet
483Kb / 5P
   N Male to SMA Female Low Loss Cable 48 InchLength Using PE-P142LL Coax, RoHS
PE3C3159 PASTERNACK-PE3C3159 Datasheet
416Kb / 5P
   SMA Female to N Female Bulkhead Low Loss Cable Using PE-P142LL Coax, RoHS
PE3C1128-200CM PASTERNACK-PE3C1128-200CM Datasheet
495Kb / 5P
   N Male to SMA Female Low Loss Cable 200 cmLength Using PE-P142LL Coax, RoHS
PE356 PASTERNACK-PE356 Datasheet
463Kb / 4P
   SMA Female to N Male Cable Using PE-P141 Coax, RoHS
PE3C2305 PASTERNACK-PE3C2305 Datasheet
399Kb / 5P
   SMA Male Right Angle to SMA Female Low Loss Cable Using PE-P142LL Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com