Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3CA1044 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3CA1044
Description  TNC Male to TNC Male Right Angle Cable Using PE-141FLEX Coax, RoHS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1044 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3CA1044 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1044 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1044 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1044 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3CA1044 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE3CA1044 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Operating Voltage (AC)
335
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
3
6
12
18
GHz
Insertion Loss
0.55
0.8
1.15
1.45
dB/ft
[1.80]
[2.62]
[3.77]
[4.76]
[dB/m]
VSWR
1.2:1
1.3:1
1.45:1
1.45:1
Power Handling
215
150
105
88
Watts
.
Mechanical Specifications
Cable Assembly
.
Connection Type
In-Series
One Time Minimum Bend Radius
0.4 in [10.16 mm]
Repeated Minimum Bend Radius
1.58 in [40.13 mm]
Cable
Cable Type
PE-141FLEX
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper Clad Steel, Silver
Dielectric Type
PTFE
Number of Shields
2
Shield Layer 1
Silver Plated Copper Tape
Shield Layer 2
Silver Plated Copper Braid
Outer Conductor 1 Material and Plating
Silver Plated Copper Tape
Outer Conductor 2 Material and Plating
Silver Plated Copper Braid
Jacket Material
FEP
Jacket Diameter
0.163 in [4.14 mm]
PE3CA1044 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male to TNC Male Right Angle Cable Using PE-141FLEX Coax, RoHS PE3CA1044
TNC Male to TNC Male Right Angle Cable
Using PE-141FLEX Coax, RoHS
RF Cable Assemblies - PE3CA1044


Similar Part No. - PE3CA1044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1044-12 PASTERNACK-PE3CA1044-12 Datasheet
464Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1044-24 PASTERNACK-PE3CA1044-24 Datasheet
464Kb / 6P
   RF Cable Assemblies Technical Data Sheet
PE3CA1044-36 PASTERNACK-PE3CA1044-36 Datasheet
464Kb / 6P
   RF Cable Assemblies Technical Data Sheet
More results

Similar Description - PE3CA1044

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3CA1046 PASTERNACK-PE3CA1046 Datasheet
460Kb / 6P
   TNC Male to TNC Female Bulkhead Cable Using PE-141FLEX Coax, RoHS
PE3C1144 PASTERNACK-PE3C1144 Datasheet
1Mb / 5P
   TNC Male Right Angle to TNC Male Right Angle LowLoss Cable Using PE-P142LL Coax, RoHS
PE39487 PASTERNACK-PE39487 Datasheet
337Kb / 3P
   TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39473 PASTERNACK-PE39473 Datasheet
334Kb / 3P
   TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39495 PASTERNACK-PE39495 Datasheet
335Kb / 3P
   TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE36555 PASTERNACK-PE36555 Datasheet
398Kb / 4P
   TNC Male to TNC Male Cable Using PE-C195 Coax
PE39481 PASTERNACK-PE39481 Datasheet
335Kb / 3P
   TNC Male to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE346 PASTERNACK-PE346 Datasheet
349Kb / 4P
   TNC Male to TNC Male Right Angle Low Loss Test Cable Using PE-P142LL Coax, RoHS
PE39480 PASTERNACK-PE39480 Datasheet
336Kb / 3P
   TNC Male Right Angle to TNC Male Right Angle Semi- Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39472 PASTERNACK-PE39472 Datasheet
337Kb / 3P
   TNC Male Right Angle to TNC Male Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com