Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A4013 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE15A4013
Description  5 Watt Psat, 7.5 GHz to 11 GHz, High Power Amplifier, 25 dB Gain, SMA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4013 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE15A4013 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4013 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4013 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4013 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4013 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4013 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE15A4013 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Absolute Maximum Rating
Parameter
Rating
Units
Drain Source Voltage
+7
Volts
Gate Source Voltage
-3
Volts
Drain Source Current
1.0
A
Drain source current
3
A
Continuous Dissipation at 25°C
20
W
Channel Temperature
175
°C
Operating Temperature (base-plate)
-40 to +85
°C
Storage Temperature
-55° to +135
°C
.
ESD Sensitive Material,
Transport material in
Approved ESD bags.
Handle only in approved
ESD Workstation.
Mechanical Specifications
Size
.
Input Connector
SMA Female
Output Connector
SMA Female
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
Storage Range
-55 to +135 deg C
..
PE15A4013
PE15A4013 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 5 Watt Psat, 7.5 GHz to 11 GHz, High Power Amplifier, 25 dB Gain, SMA PE15A4013
5 Watt Psat, 7.5 GHz to 11 GHz, High
Power Amplifier, 25 dB Gain, SMA


Similar Part No. - PE15A4013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4010 PASTERNACK-PE15A4010 Datasheet
502Kb / 6P
   Power High Gain Amplifier, 2 dB NF, SMA
PE15A4011 PASTERNACK-PE15A4011 Datasheet
502Kb / 5P
   50 Ohm Input and Output Matched
PE15A4012 PASTERNACK-PE15A4012 Datasheet
468Kb / 6P
   50 Ohm Input and Output Matched
PE15A4014 PASTERNACK-PE15A4014 Datasheet
432Kb / 6P
   3 Watt Psat, 8 GHz to 11 GHz, Medium Power Amplifier, 25 dB Gain, SMA
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
   4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
More results

Similar Description - PE15A4013

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4014 PASTERNACK-PE15A4014 Datasheet
432Kb / 6P
   3 Watt Psat, 8 GHz to 11 GHz, Medium Power Amplifier, 25 dB Gain, SMA
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
   4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
   44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5036 PASTERNACK-PE15A5036 Datasheet
680Kb / 7P
   40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
   44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5036F PASTERNACK-PE15A5036F Datasheet
738Kb / 8P
   40 dB Gain, 10 Watt Psat, 1 GHz to 2.5 GHz, High Power High Gain Amplifier, 46 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
   8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
   8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5007 PASTERNACK-PE15A5007 Datasheet
484Kb / 7P
   8 Watt Psat, 2.6 GHz to 4.2 GHz, High Power Amplifier, 19 dB Gain, 47 dBm IP3, 9 dB NF, SMA
PE15A1025 PASTERNACK-PE15A1025 Datasheet
426Kb / 6P
   48 dB Gain, 2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz, Low Noise Amplifier, SMA
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com