Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE15A4014 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A4014
Description  3 Watt Psat, 8 GHz to 11 GHz, Medium Power Amplifier, 25 dB Gain, SMA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A4014 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A4014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A4014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A4014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A4014 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A4014 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A4014 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Plotted and Other Data
Notes:
Values at +25 °C, sea level
ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Heat Sink Required for Proper Operation, Unit is cooled by conduction to heat sink.
GaAs PHEMT MMIC-Based Power up sequence
1. Connect common ports
a. Connect single GND lead
b. Connect all –Vg ports together
c. Connect all +Vd ports together
2. Connect the load, attenuator to protect the VNA.
3. Connect the input port, may have an attenuator at the input (perform the CAL with the loads before connecting the
amplifier to the VNA).
4. Apply the –Vg voltage at close to –Vg Pinch off (Start at -1.9Volts, except for PE15A4014 and PE15A4015 use
-3.0).
5. Apply the +Vd voltage.
6. Adjust the –Vg to the ideal negative voltage (approximately -1.1Volts to -0.97Volts, except for PE15A4014 and
PE15A4015 use -2.6 to -2.4 see datasheet), observe the gain and power output.
PE15A4014
PE15A4014 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 Watt Psat, 8 GHz to 11 GHz, Medium Power Amplifier, 25 dB Gain, SMA PE15A4014
3 Watt Psat, 8 GHz to 11 GHz, Medium
Power Amplifier, 25 dB Gain, SMA


Similar Part No. - PE15A4014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4010 PASTERNACK-PE15A4010 Datasheet
502Kb / 6P
   Power High Gain Amplifier, 2 dB NF, SMA
PE15A4011 PASTERNACK-PE15A4011 Datasheet
502Kb / 5P
   50 Ohm Input and Output Matched
PE15A4012 PASTERNACK-PE15A4012 Datasheet
468Kb / 6P
   50 Ohm Input and Output Matched
PE15A4013 PASTERNACK-PE15A4013 Datasheet
434Kb / 7P
   5 Watt Psat, 7.5 GHz to 11 GHz, High Power Amplifier, 25 dB Gain, SMA
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
   4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
More results

Similar Description - PE15A4014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A4013 PASTERNACK-PE15A4013 Datasheet
434Kb / 7P
   5 Watt Psat, 7.5 GHz to 11 GHz, High Power Amplifier, 25 dB Gain, SMA
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
   4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
PE15A5037F PASTERNACK-PE15A5037F Datasheet
714Kb / 8P
   44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5037 PASTERNACK-PE15A5037 Datasheet
654Kb / 7P
   44 dB Gain, 8 Watt Psat, 1 GHz to 3 GHz, High Power High Gain Amplifier, 48 dBm IP3, SMA
PE15A5038F PASTERNACK-PE15A5038F Datasheet
861Kb / 8P
   8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5038 PASTERNACK-PE15A5038 Datasheet
777Kb / 7P
   8 Watt Psat, 2 GHz to 4 GHz, High Power Amplifier, 39 dB Gain, 48 dBm IP3, SMA
PE15A5007 PASTERNACK-PE15A5007 Datasheet
484Kb / 7P
   8 Watt Psat, 2.6 GHz to 4.2 GHz, High Power Amplifier, 19 dB Gain, 47 dBm IP3, 9 dB NF, SMA
PE15A5034F PASTERNACK-PE15A5034F Datasheet
893Kb / 9P
   2 Watt Psat, 800 MHz to 4.2 GHz, Medium Power Amplifier, 31 dB Gain, 41 dBm IP3, SMA
PE15A1025 PASTERNACK-PE15A1025 Datasheet
426Kb / 6P
   48 dB Gain, 2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz, Low Noise Amplifier, SMA
PE15A1027 PASTERNACK-PE15A1027 Datasheet
425Kb / 6P
   2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz,Low Noise Amplifier, 18 dB Gain, SMA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com