Electronic Components Datasheet Search |
|
ACE9050 Datasheet(PDF) 5 Page - Mitel Networks Corporation |
|
ACE9050 Datasheet(HTML) 5 Page - Mitel Networks Corporation |
5 / 39 page ACE9030 5 Parameter Min. Typ. Max. Unit Conditions Power supply Supply current, Radio Interface: Sleep mode 2.3 2·7 mA XO, OSC8 on Fully operating (excluding I DDX) 7 mA (see Note 1) Supply current, Synthesisers: V DD=5V f REF = 10 MHz Main and Auxiliary ON 5 mA f MAIN = 10 MHz Main ON and Auxiliary in Standby 3.7 mA f AUX = 10 MHz Main in Standby and Auxiliary ON 3 mA (see Note 2) Main and Auxiliary in Standby, with Bandgap off 100 µA Supply current, Synthesisers: f REF = 15 MHz Main and Auxiliary ON 3 mA f MAIN = 16 MHz Main ON and Auxiliary in Standby 2 mA f AUX = 90 MHz Main in Standby and Auxiliary ON 2 mA (see Note 2) Main and Auxiliary in Standby 100 µA Input and output signals Logic input HIGH (LATCHC, LATCHB, DATA, CL, and TEST) 0·7 x V DD V DD + 0·3 V Logic input LOW (LATCHC, LATCHB, DATA, CL, and TEST) – 0·3 + 0·8 V Input capacitance (signal pins) 10 pF Pin voltage Input leakage (signal pins) 1 µAV SS to VDD Logic output HIGH (RXCD, DATA, AFCOUT, V DD – 0·5 V TEST and DOUT2, 3 and 4) External load: Logic output LOW (RXCD, DATA, AFCOUT, 0·4 V 20 k Ω & 30 pF TEST and DOUT2, 3 and 4) Output ON level, DOUT0 and DOUT1 V DDX – 0·2 V I OH = 20 mA. Output HIGH level, DOUT5, 6 and 7 2·3 2·9 V I OH = 80 µA Output LOW level, DOUT5, 6 and 7 0·3 V I OL = 0.2 µA Trimmed output level ON, DOUT8 3·35 3·55 V I OH = 135 to 400 µA. Level difference, DOUT8 ON – ADC reference – 5 + 15 mV Output level OFF, DOUT8 0.4 V MODMP, MODMN output HIGH V DD/2 + 0·35 V DD/2 + 1·0 V I OH = 10 µA MODMP, MODMN output LOW V DD/2 – 1·0 V DD/2 – 0·35 V I OL = – 10 µA Input Schmitt Hysteresis, pins CL, LATCHB, 0·3 V LATCHC, DATA. Analog circuits bias resistor on I REF 68 k Ω V DD @ 3·75 V 100 k Ω V DD @ 4·85 V ELECTRICAL CHARACTERISTICS These characteristics apply over these ranges of conditions (unless otherwise stated): T AMB = – 40 °C to + 85 °C, VDD = + 3·6 to + 5·0 V, GND ref. = V SS D.C. Characteristics Notes 1. The sleep current is specified with the crystal oscillator (XO) and the OSC8 oscillator and PLL running as these are normally needed to provide the clock to the system controller. 2. The terms f REF, fMAIN, and fAUX refer to the frequencies of the Reference inputs (Crystal oscillator, pins CIN1 and CIN2), the Main synthesiser inputs (pins FIM and FIMB) and the Auxiliary synthesiser inputs (pins FIA and FIAB) respectively. |
Similar Part No. - ACE9050 |
|
Similar Description - ACE9050 |