Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88400 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88400
Description  Line Interface Circuit Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88400 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88400 Datasheet HTML 1Page - Mitel Networks Corporation MH88400 Datasheet HTML 2Page - Mitel Networks Corporation MH88400 Datasheet HTML 3Page - Mitel Networks Corporation MH88400 Datasheet HTML 4Page - Mitel Networks Corporation MH88400 Datasheet HTML 5Page - Mitel Networks Corporation MH88400 Datasheet HTML 6Page - Mitel Networks Corporation MH88400 Datasheet HTML 7Page - Mitel Networks Corporation MH88400 Datasheet HTML 8Page - Mitel Networks Corporation MH88400 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2-12
MH88400
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1VDD
Positive Power Supply Voltage. +5V.
2AGND
Analog Ground. 4-Wire Ground. Normally connected to System Ground,
3LC
Loop Control (Input). A logic low activates internal circuitry which provides a dc
termination across Tip and Ring. Used for seizing the line and dial pulsing
4
RVLC
Ring Voltage and Current Detect (Output). A logic low indicates that loop current is
detected. The loop current can be due to the external monitor phone or the MH88400 in
the off- hook mode. The RVLC outputs pulses when the external monitor phone is dial
pulsing or when the MH88400 is dial pulses via the LC input. In addition, when the
MH88400 is in the on-hook mode, a pulsing output indicates that ringing voltage is
across the Tip and Ring leads; the pulsing outputs frequency is twice the ringing
frequency.
5SHK
Switch Hook Detect (Output). This is an optional output which can be used with the
PHS input and an external phone. When loop current flows from PHS to TIP, SHK goes
to logic low.
6VX
Transmit (Output). 4-Wire ground(AGND) referenced audio output, biased at 2.5V.
Outputs for both off-hook and on-hook.
7VR
Receive (Input). 4-Wire ground (AGND) referenced audio input, biased at 2.5V. LC
must be activated low and loop current must be flowing.
8NC
No Connection. This pin is not connected internally
9
RING
Ring Lead. Connects to the “Ring” lead of the central office through a relay contact. The
central office “Tip” and “Ring” leads may be interchanged
10
TXIN
Transmit (Input). Connects to the “Ring” lead of the central office through a coupling
capacitor.
11
TF
Tip Feed. Connects to the “Tip” lead of the central office through an internal resistor and
an optional external resistor.
12
PHS
Monitor Phone Sense (Input). This is an optional input which can be used with the
SHK output and an external phone. When loop current flows from PHS to TIP, SHK goes
to logic low.
13
RLS
Ring Loop Sense (Input). Sense node for ringing voltage detector and the loop current
detector.
14
TIP
Tip Lead. Connects to the “Tip” lead of the central office through an optional relay
contact. The central office “Tip” and “Ring” leads may be interchanged.
RLS
PHS
TF
TXIN
LC
NC
TIP
AGND
RING
RVLC
SHK
VX
VR
VDD
1
2
3
4
5
6
78
9
10
11
12
13
14


Similar Part No. - MH88400

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
MH88422-2 MITEL-MH88422-2 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
MH88422-2 MITEL-MH88422-2 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
More results

Similar Description - MH88400

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612K MITEL-MH88612K Datasheet
72Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
   German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
   Central Office Interface Circuit Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com