Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88422-1 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MH88422-1
Description  Data Access Arrangement Preliminary Information
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88422-1 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MH88422-1 Datasheet HTML 3Page - Mitel Networks Corporation MH88422-1 Datasheet HTML 4Page - Mitel Networks Corporation MH88422-1 Datasheet HTML 5Page - Mitel Networks Corporation MH88422-1 Datasheet HTML 6Page - Mitel Networks Corporation MH88422-1 Datasheet HTML 7Page - Mitel Networks Corporation MH88422-1 Datasheet HTML 8Page - Mitel Networks Corporation MH88422-1 Datasheet HTML 9Page - Mitel Networks Corporation MH88422-1 Datasheet HTML 10Page - Mitel Networks Corporation MH88422-1 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Preliminary Information
MH88422
2-19
Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡Typical figures are at 25
°C with nominal +5V and are for design aid only.
Note 1: All of the above test conditions use a test source impedance which matches the device’s impedance.
Note 2: dBm is referenced to 600
Ω unless otherwise stated.
AC Electrical Characteristics - MH88422 All Variants
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Input Impedance VR
47k
2
Output Impedance at VX
10
3
Receive Gain (VR to 2-Wire)
2.5
3.5
4.6
dB
Test circuit as Fig 6
Input 0.5V at 1kHz
4
Frequency Response Gain
(relative to Gain @ 1kHz)
All Variants
-1
-1
0
0
+1
+1
dB
dB
300Hz
3400Hz
5
Signal Output Overload Level
at 2-Wire
at Vx
+2.0
+2.0
+3.0
+3.0
dBm
dBm
THD < 5% @ 1kHz
ILoop = 20 to 40mA
6
Total Harmonic Distortion
BD-1 Variant
at 2-Wire
All other Variants
at 2-Wire
All Variants
at VX
THD
1.2
1.2
1.2
2.0
2.5
2.0
%
%
%
Input -3.5dBm at 1kHz
7
Power Supply Rejection Ratio
BD-1 Variant
at 2-Wire
at VX
All other Variants
at 2-Wire
at VX
PSRR
18
18
12
12
40
40
20
20
dB
dB
dB
dB
Ripple 0.1Vrms 1kHz
on VDD
8
Transhybrid Loss
THL
6
20
dB
Test circuit as Fig 6
Input -3.5dBm,
300-3400Hz at VR


Similar Part No. - MH88422-1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88422-1 MITEL-MH88422-1 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
More results

Similar Description - MH88422-1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88437-P MITEL-MH88437-P Datasheet
96Kb / 16P
   Data Access Arrangement Advance Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
List of Unclassifed Man...
CH1840 ETC-CH1840 Datasheet
432Kb / 7P
   Low Profile Data Access Arrangement (DAA) Modules
logo
Clare, Inc.
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
   LITELINK??II Silicon Data Access Arrangement (DAA) IC
logo
Micrel Semiconductor
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
   QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
List of Unclassifed Man...
PS12000 ETC1-PS12000 Datasheet
1Mb / 24P
   PRELIMINARY INFORMATION
logo
Xicor Inc.
X98027 XICOR-X98027 Datasheet
105Kb / 1P
   PRELIMINARY INFORMATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com