Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88437AD-P Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MH88437AD-P
Description  Data Access Arrangement Advance Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88437AD-P Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MH88437AD-P Datasheet HTML 4Page - Mitel Networks Corporation MH88437AD-P Datasheet HTML 5Page - Mitel Networks Corporation MH88437AD-P Datasheet HTML 6Page - Mitel Networks Corporation MH88437AD-P Datasheet HTML 7Page - Mitel Networks Corporation MH88437AD-P Datasheet HTML 8Page - Mitel Networks Corporation MH88437AD-P Datasheet HTML 9Page - Mitel Networks Corporation MH88437AD-P Datasheet HTML 10Page - Mitel Networks Corporation MH88437AD-P Datasheet HTML 11Page - Mitel Networks Corporation MH88437AD-P Datasheet HTML 12Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MH88437-P
Advance Information
8
.
*Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
‡ Typical figures are at 25˚C with nominal +5V supply and are for design aid only
† Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
Note 1: Low Loop current operation depends on value of resistor connected between VLoop 1 and VLoop 2.
Note 2: This is equivalent to 10M
Ω leakage Tip/Ring to Ground.
Note 3. Refer to EIA/TIA 464 Section 4.1.1.4.4
Absolute Maximum Ratings* - All voltages are with respect to AGND unless otherwise specified.
Parameter
Sym
Min
Max
Units
Comments
1
DC Supply Voltage
VCC
-0.3
6
V
2
Storage Temperature
TS
-55
+125
˚C
3
DC Loop Voltage
VTR
-110
+110
V
4
Transient loop voltage
VTR
300
V
1ms On hook
5
Ringing Voltage
VR
150
Vrms
VBAT = -56V
6
Loop Current
ILOOP
60
90
mA
mA
CL=0 VTIP-RING ≤40V
CL=1
7
Ring Trip Current
ITRIP
180
mArms
250ms 10% duty cycle or
500ms single shot
Recommended Operating Conditions
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
1
DC Supply Voltages
VCC
4.75
5.0
5.25
V
2
Operating Temperatures
Industrial Temperature
TOP
0
-40
25
70
+85
˚C
3
Ringing Voltage
VR
75
90
Vrms
VBat = -48V
Loop Electrical Characteristics
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Ringing Voltage
No Detect
Detect
VR
14
7Vrms
Vrms
Externally Adjustable
2
Ringing Frequency
15
68
Hz
3
Operating Loop Current
15
60
80
mA
mA
CL=0 VTIP-RING ≤40V
CL=1 (see Note 1)
4
Off-Hook DC Voltage
6.0
6.0
7.8
V
V
V
Externally Adjustable
ILOOP=15mA)
ILOOP=20mA) (Note 3)
ILOOP=26mA)
where R2 = 110k
5
Leakage Current
(Tip or Ring to AGND)
10
7
µA
mA
100V DC
(see Note 2)
1000V AC
6
Leakage Current on-hook
(Tip to Ring)
9
18
10
20
µΑ
VBAT (= -50V)
VBAT (= -100V)
7
Dial Pulse Detection
ON
OFF
0
0
+1
+1
+2
+2
ms
ms
Dial pulse delay
8
Loop Condition Detect Threshold
Off-Hook
5
16
V
Voltage across tip and
ring


Similar Part No. - MH88437AD-P

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
API Technologies Corp
MH88435 APITECH-MH88435 Datasheet
287Kb / 1P
   Transformer
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88435AD-P MITEL-MH88435AD-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88435AD-P MITEL-MH88435AD-P Datasheet
141Kb / 5P
   Data Access Arrangement
More results

Similar Description - MH88437AD-P

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
Freescale Semiconductor...
MC68HC705P6A FREESCALE-MC68HC705P6A_13 Datasheet
438Kb / 98P
   Advance Information Data Sheet
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com