Selected language     English  ▼


L Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. L
Description  SMD Wraparound Ultra Low Value Thin Film Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 1 page
background image
L
www.vishay.com
Vishay Sfernice
Revision: 04-Sep-14
1
Document Number: 53018
For technical questions, contact: sferthinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD Wraparound Ultra Low Value Thin Film Resistors
With extremely low resistance and high power capabilities,
these ultra low value resistors are available with solderable
or weldable terminations.
FEATURES
• NiCr + Ta2O5 resistive layer
• Pre-soldered or gold terminations
• No inductance for high frequency applications
• Alumina substrates for high power handling
capability
• Resistance range: 0.1
 to 9.99 
• TCR down to 50 ppm/°C
• Power rating: Up to 2 W at + 70 °C
• Withstand AEC-Q200 humidity test
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and/or parts that are non-RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information/tables in this datasheet for details.
Note
(1) With special assembly care
Note
• Refer to Application Note “Guidelines for Vishay Sfernice
Resistive and Inductive Components” (document number:
52029) for recommended reflow profile. Profile #3 applies.
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE RANGE
RATED POWER
P70 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
L0603
0603
0.1 to 9.99
0.125
50
1, 2, 3, 5, 10
50, 100, 200, 300
L0805
0805
0.1 to 9.99
0.2
50
1, 2, 3, 5, 10
50, 100, 200, 300
L1206
1206
0.1 to 9.99
0.33
50
1, 2, 3, 5, 10
50, 100, 200, 300
L1505
1505
0.1 to 9.99
0.5
50
1, 2, 3, 5, 10
50, 100, 200, 300
L2010
2010
0.1 to 9.99
1.0
50
1, 2, 3, 5, 10
50, 100, 200, 300
L2512
2512
0.1 to 9.99
2.0 (1)
50
1, 2, 3, 5, 10
50, 100, 200, 300
CLIMATIC SPECIFICATIONS
Operating temperature
range
- 55 °C; + 155 °C
MECHANICAL SPECIFICATIONS
Substrate
Alumina
Technology
NiCr + Ta2O5
Coating
Silicone
Terminations
Solderable
B type: SnPb over nickel barrier
N type: SnAg over nickel barrier
G type: Gold over nickel barrier
TOLERANCE AND TCR VS. OHMIC VALUE
OHMIC VALUE
RANGE in
TIGHTEST
TOLERANCE
(%)
BEST
TCR
(ppm/°C)
TERMINATIONS
0R1 < 0R25
1
300
N or B
0R25 < 0R5
1
200
N or B
0R5 < 2R5
1
100
N or B
2R5 < 9R99
1
50
N or B
0R1 < 0R25
5
300
G
0R25 < 0R5
5
200
G
0R < 1R
5
100
G
1R < 2R5
3
100
G
2R5 to 9R99
3
50
G




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl