Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88437AD-PI Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MH88437AD-PI
Description  Data Access Arrangement Advance Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88437AD-PI Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MH88437AD-PI Datasheet HTML 6Page - Mitel Networks Corporation MH88437AD-PI Datasheet HTML 7Page - Mitel Networks Corporation MH88437AD-PI Datasheet HTML 8Page - Mitel Networks Corporation MH88437AD-PI Datasheet HTML 9Page - Mitel Networks Corporation MH88437AD-PI Datasheet HTML 10Page - Mitel Networks Corporation MH88437AD-PI Datasheet HTML 11Page - Mitel Networks Corporation MH88437AD-PI Datasheet HTML 12Page - Mitel Networks Corporation MH88437AD-PI Datasheet HTML 13Page - Mitel Networks Corporation MH88437AD-PI Datasheet HTML 14Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MH88437-P
Advance Information
10
† Electrical Characteristics are over Recommended Operating Conditions unless otherwise stated.
‡ Typical figures are at 25
°C with nominal + 5V supplies and are for design aid only.
10
Return Loss at 2-Wire
(Reference 600
Ω)
RL
14
20
18
24
24
24
dB
dB
dB
Test circuit(Figure 9)
200-500Hz
500-2500Hz
2500-3400Hz
11
Longitudinal to Metallic Balance
Metallic to Longitudinal Balance
Nc
46
46
60
40
58
53
dB
dB
dB
dB
Test circuit (Figure 10)
300-1000Hz
1000-3400Hz
Test circuit (Figure 11)
200-1000Hz
1000-4000Hz
12
Idle Channel Noise
at 2-Wire
at VX
at 2-Wire
at VX
15
15
-65
-65
20
20
dBrnC
dBrnC
dBm
dBm
Cmess filter
300-3400Hz filter
13
Transmit Gain (2-Wire to VX)
Off-Hook
On-Hook
-1
0
0
+1
dB
dB
Test circuit (Figure 7)
Input 0.5V @ 1kHz
LC = 0V
14
Frequency Response Gain
(relative to Gain @ 1kHz)
-0.5
-0.5
0
0
0.5
0.5
dB
dB
300Hz
3400Hz
15
Intermodulation Distortion
products at VX and 2W
IMD
75
dB
ILOOP = 25-60mA
F1 = 1kHz at -6dBm
F2 = 800Hz at -6dBm
Total signal power =
-3dBm
16
Distortion at VX due to near end
echo
(300Hz - 3400Hz bandwidth)
75
dB
ILOOP = 25-60mA
F1 = 1kHz at -6dBm
F2 = 800Hz at -6dBm
Total signal power =
-3dBm
17
Common Mode Rejection at VX
CMR
50
dB
Test circuit (Figure 10)
1-100Hz Note 4
18
Common Mode overload
CML
100V
Vpk-pk
Test circuit (Figure 10)
1-100Hz Note 4
Variations from Standard AC Electrical Characteristics
(MH88437AD-PI/MH88437AS-PI) (-40˚C to 0˚C)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Receive Gain (VR to 2-Wire)
-1.1
dB
Test circuit (Figure 8)
Input 0.5V at 1kHz
2
Frequency Response Gain
(Relative to Gain @ 1kHz)
-1.2
dB
ILOOP = 16-60mA
300Hz to 3400Hz
3
Transhybrid Loss
THL
-12
-15
dB
300Hz to 1kHz
1kHz to 3400Hz
AC Electrical Characteristics (continued)
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions


Similar Part No. - MH88437AD-PI

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
API Technologies Corp
MH88435 APITECH-MH88435 Datasheet
287Kb / 1P
   Transformer
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88435AD-P MITEL-MH88435AD-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88435AD-P MITEL-MH88435AD-P Datasheet
141Kb / 5P
   Data Access Arrangement
More results

Similar Description - MH88437AD-PI

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88435-P MITEL-MH88435-P Datasheet
71Kb / 16P
   Data Access Arrangement Preliminary Information
MH88422-1 MITEL-MH88422-1 Datasheet
73Kb / 14P
   Data Access Arrangement Preliminary Information
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
logo
Clare, Inc.
CPC5604 CLARE-CPC5604 Datasheet
368Kb / 33P
   Optical Data Access Arrangement I.C.
CYG2111 CLARE-CYG2111 Datasheet
459Kb / 6P
   Data Access Arrangement (DAA) Module
logo
Freescale Semiconductor...
MC68HC705P6A FREESCALE-MC68HC705P6A_13 Datasheet
438Kb / 98P
   Advance Information Data Sheet
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
logo
Motorola, Inc
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com