Selected language     English  ▼


M Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. M
Description  High Reliability Thick Film Resistor,Surface Mount Chip
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

   
 3 page
background image
M
www.vishay.com
Vishay Dale Thin Film
Revision: 07-Aug-14
3
Document Number: 60031
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Preferred packaging code
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: M-1206K5001GBT1
GLOBAL
MODEL
CASE
SIZE
TCR
CHARACTERISTIC
RESISTANCE
TOLERANCE
TERMINATION
PACKAGING
M- = High rel
cermet
thick film
wraparound
0402
0502
0504
0505
0603
0805
1005
1010
1206
1505
2010
2208
2512
K = 100 ppm/°C
M = 300 ppm/°C
X = 0
 jumper
First 3 digits are
significant figures
and the last digit
specifies
the
number of zeros
to
follow.
“R”
designates
the
decimal point.
Example:
10R0 = 10

1002 = 10 k
F = 1 %
G = 2 %
J = 5 %
K = 10 %
N = Not
trimmed
B = Wraparound
nickel barrier
with plated
tin/lead solder
S = Wraparound
nickel barrier
with plated
matte tin
lead (pb)-free
solder
G =Epoxy
bondable
BS = BULK
100 min., 1 mult
WS = WAFFLE
100 min., 1 mult
TAPE AND REEL
T0 = 100 min., 100 mult
T1 = 1000 min., 1000 mult (1)
T3 = 300 min., 300 mult
T5 = 500 min., 500 mult
TF = Full reel
TS = 100 min., 1 mult
Historical Part Number example: M0505K1003JBT (for reference purposes only)
M
0505
K
1003
J
B
T
STYLE
CASE SIZE
TCR
CHARACTERISTIC
OHMIC VALUE
TOLERANCE
TERMINATION
PACKAGING
06
K
5
0
1
G
0
2
1
BT
1
M-




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl