Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88612BV-K Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MH88612BV-K
Description  Subscriber Line Interface Circuit (SLIC) Advance Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88612BV-K Datasheet(HTML) 6 Page - Mitel Networks Corporation

  MH88612BV-K Datasheet HTML 1Page - Mitel Networks Corporation MH88612BV-K Datasheet HTML 2Page - Mitel Networks Corporation MH88612BV-K Datasheet HTML 3Page - Mitel Networks Corporation MH88612BV-K Datasheet HTML 4Page - Mitel Networks Corporation MH88612BV-K Datasheet HTML 5Page - Mitel Networks Corporation MH88612BV-K Datasheet HTML 6Page - Mitel Networks Corporation MH88612BV-K Datasheet HTML 7Page - Mitel Networks Corporation MH88612BV-K Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MH88612BV-K
Advance Information
6
‡Typical figure are at 25
°C and are for design aid only.
AC Electrical Characteristics
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Ringing Voltage
Frequency
VRING
FRING
17
90
25
Vrms
Hz
Superimposed on VBAT =
-48V
2
Ringer Equivalence Number
REN
2
3
Ring Trip Detect time
200
300
ms
4
Input AC Impedance 2-wire
Zin
600
900
MH88612BV-K
MH88612BV-4K
5
Input Impedance at VR
100
k
6
Output Impedance at VX
10
7
Gain 2-wire to VX
Gain relative to Gain @ 1kHz
-1.3
-0.3
-1.0
-0.7
+0.3
dB
Input + 3dBm,
1kHz across Tip and Ring
300-3400 Hz
8
Gain VR to 2-wire
Gain relative to Gain @ 1kHz
-1.3
-0.3
-1.0
-0.7
+0.3
dB
dB
Input 0.5Vrms 1kHz at VR
ZLoad = 600Ω
300 - 3400 Hz
9
2-wire Return Loss over
300-3400Hz
20
30
dB
Input 0.5Vrms,
1kHz across Tip and Ring
ZLoad= 600Ω
10
Transhybrid Loss
THL
20
30
dB
300-3400 Hz
ZLoad= 600Ω
11
Longitudinal to Metallic
Balance
40
46
55
55
dB
dB
300-600Hz
600-3400Hz
12
Total Harmonic Distortion
at VX
at Tip and Ring
THD
0.1
0.1
1.0
1.0
%
%
Input + 3dBm,
1kHz across Tip and Ring
Input 1.0Vrms 1kHz at VR
13
Common Mode Rejection
Ratio
2-wire to VX
CMRR
40
50
dB
Input 0.5Vrms, 1kHz
14
Idle channel Noise
Nc
+14
dBrnC
@ 2 Wire and VX
C- Message weighted
15
Power supply rejection ratio
VCC
VEE
VBAT
PSRR
26
26
26
dB
dB
dB
100 mVPP ripple, 1kHz on
VCC/VEE/VBAT, measure at
VX and across Tip and
Ring


Similar Part No. - MH88612BV-K

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MH88612BV-2 ZARLINK-MH88612BV-2 Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
More results

Similar Description - MH88612BV-K

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88615 MITEL-MH88615 Datasheet
50Kb / 6P
   ONS Subscriber Line Interface Circuit Advance Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
   German Subscriber Line Interface Circuit (SLIC) Preliminary Information
logo
Intersil Corporation
HC-5504DLC INTERSIL-HC-5504DLC Datasheet
265Kb / 9P
   SLIC Subscriber Line Interface Circuit
HC5521 INTERSIL-HC5521 Datasheet
15Kb / 1P
   SLIC Subscriber Line Interface Circuit
January 1997
logo
Harris Corporation
HC5519 HARRIS-HC5519 Datasheet
23Kb / 1P
   SLIC Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com