Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # MBA
Description  High Frequency Thin Film Leaded Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBA Datasheet(HTML) 2 Page - Vishay Siliconix

  MBA Datasheet HTML 1Page - Vishay Siliconix MBA Datasheet HTML 2Page - Vishay Siliconix MBA Datasheet HTML 3Page - Vishay Siliconix MBA Datasheet HTML 4Page - Vishay Siliconix MBA Datasheet HTML 5Page - Vishay Siliconix MBA Datasheet HTML 6Page - Vishay Siliconix MBA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Document Number: 28769
For technical questions, contact: filmresistorsleaded@vishay.com
www.vishay.com
Revision: 16-Oct-09
159
MBA/SMA 0204 HF
High Frequency Thin Film Leaded Resistors
Vishay Beyschlag
Notes
(1) Please refer to table PACKAGING for complete information
• The PART NUMBER shown above is to facilitate the unified part numbering system for ordering products
DIMENSIONS
Note
(2) Resistance values to be selected for ± 1 % from the E24/E96 series and for ± 2 % from E24 series
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: MBA0204AC5109GCT00
MODEL/SIZE
VARIANT
TCR/MATERIAL
VALUE
TOLERANCE
PACKAGING (1)
SPECIAL
MBA0204 = MBA/SMA 0204
A = HF High
Frequency
C = 50 ppm
3 digit value
1 digit multiplier
MULTIPLIER
8 = *10- 2
9 = *10- 1
0 = *100
F = ± 1.0 %
G = ± 2.0 %
CT
C1
RP
00 = Standard
PRODUCT DESCRIPTION: MBA/SMA 0204-50 2 % HF CT 51R0
MBA/SMA 0204
-
50
2 %
HF
CT
51R0
MODEL/SIZE
TCR
TOLERANCE
VARIANT
PACKAGING (1)
RESISTANCE
VALUE
MBA/SMA 0204
50 ppm
± 1.0 %
± 2.0 %
HF
CT
C1
RP
51R0 = 51
Ω
PACKAGING
MODEL
REEL
BOX
PIECES
CODE
PIECES
CODE
MBA/SMA 0204
5000
RP
1000
5000
C1
CT
DIMENSIONS - leaded resistor types, mass and relevant physical dimensions
TYPE
Dmax.
(mm)
Lmax.
(mm)
dnom.
(mm)
Imin.
(mm)
Mmin.
(mm)
MASS
(mg)
MBA/SMA 0204 HF
1.6
3.6
0.5
29.0
5.0
125
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
DESCRIPTION
RESISTANCE VALUE (2)
TCR
TOLERANCE
MBA/SMA 0204 HF
± 50 ppm/K
± 1 %; ± 2 %
1.5
Ω to 470 Ω; 50 Ω
L
d
D
I
I
M
04
A
C
109
5
0
C0
0
A
MB
2
G
T


Similar Part No. - MBA

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MBA-15L MINI-MBA-15L Datasheet
331Kb / 2P
   Frequency Mixer
MBA-15L++ MINI-MBA-15L+ Datasheet
331Kb / 2P
   Frequency Mixer
logo
TDK Electronics
MBA-2060 TDK-MBA-2060 Datasheet
81Kb / 2P
   Metrology Biconical Antenna
logo
Ultralife Corporation.
MBA-21R ULTRALIFE-MBA-21R Datasheet
297Kb / 2P
   Radio manufacturer independent
10 JUN 2010 Rev A
MBA-21R++ ULTRALIFE-MBA-21R+ Datasheet
297Kb / 2P
   Radio manufacturer independent
10 JUN 2010 Rev A
More results

Similar Description - MBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPR24 VISHAY-MPR24_15 Datasheet
120Kb / 7P
   High Precision Thin Film Leaded Resistors
Revision: 06-Oct-09
MRS25000C9533FRP00 VISHAY-MRS25000C9533FRP00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBE04140C1009FC100 VISHAY-MBE04140C1009FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204_15 Datasheet
182Kb / 15P
   Professional Thin Film Leaded Resistors
Revision: 02-Nov-15
MRS16 VISHAY-MRS16_15 Datasheet
81Kb / 4P
   Professional Thin Film Leaded Resistors
Revision: 30-Apr-15
MRS16000C1003FCT00 VISHAY-MRS16000C1003FCT00 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MRS25000C1000FC100 VISHAY-MRS25000C1000FC100 Datasheet
81Kb / 3P
   Professional Thin Film Leaded Resistors
Revision: 17-Aug-11
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com