Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88612K Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # MH88612K
Description  Subscriber Line Interface Circuit Preliminary Information
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88612K Datasheet(HTML) 2 Page - Mitel Networks Corporation

  MH88612K Datasheet HTML 1Page - Mitel Networks Corporation MH88612K Datasheet HTML 2Page - Mitel Networks Corporation MH88612K Datasheet HTML 3Page - Mitel Networks Corporation MH88612K Datasheet HTML 4Page - Mitel Networks Corporation MH88612K Datasheet HTML 5Page - Mitel Networks Corporation MH88612K Datasheet HTML 6Page - Mitel Networks Corporation MH88612K Datasheet HTML 7Page - Mitel Networks Corporation MH88612K Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2-122
MH88612K
Preliminary Information
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1TF
Tip Feed. Connects to external diode for protection. Internally connected to pin 21.
2RF
Ring Feed (Input). is normally connected to ring relay for negative battery feed voltage
and ringing voltage input.
3
IC/NC
No Connections to be made to this pin, used for internal connection.
4
IC/NC
No Connections to be made to this pin, used for internal connection.
5
IC/NC
No Connections to be made to this pin, used for internal connection.
6
IC/NC
No Connections to be made to this pin, used for internal connection.
7
IC/NC
No Connections to be made to this pin, used for internal connection.
8
TIP
Connects to the “Tip” lead of the telephone line.
9
IC/NC
No Connections to be made to this pin, used for internal connection.
10
RING
Connects to the “Ring” lead of the telephone line.
11
RC2
Relay Control 2 (Input). Active high to reverse Tip/Ring.
12
LPGND
Loop Ground is the system ground reference with respect to VBat. Normally tied with
GNDA.
13
IC/NC
No Connections to be made to this pin, used for internal connection.
14
VR
Voice Receive (Input) is the 4-wire analog signal to the SLIC.
15
VRef
Voltage Reference (Input). to set the constant current feed to the subscriber line.
Constant current feed can be adjusted by the input voltage on the VRef. This pin can also be
grounded for normal 25mA loop current.
16
CAP
Connects external capacitor to ground for ring trip.
17
SHK
Switch Hook Detect (Output). Active high
18
GNDA
Analog Ground (0V)
19
VEE
Negative Power Supply Voltage (-5V).
20
VDD
Positive Power Supply Voltage (+5V).
21
TF
Tip Feed. Connect an external diode for protection. Internally connected to pin 1.
22
VBat
Negative Battery Feed Supply Voltage (-48V).
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
TF
RF
IC
IC
IC
IC
IC
TIP
IC
RING
RC2
LPGND
IC
VR
VRef
CAP
SHK
GNDA
VEE
VDD
20
21
22
23
24
25
26
27
28
29
30
TF
VBat
RV
PD
VX
IC
IC
VRLY
RC1
RD1


Similar Part No. - MH88612K

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
logo
API Technologies Corp
MH88612 APITECH-MH88612 Datasheet
287Kb / 1P
   Transformer
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
MH88612BV-2 ZARLINK-MH88612BV-2 Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
logo
Mitel Networks Corporat...
MH88612BV-K MITEL-MH88612BV-K Datasheet
47Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Advance Information
More results

Similar Description - MH88612K

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88612C MITEL-MH88612C Datasheet
66Kb / 8P
   Subscriber Line Interface Circuit Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500 MITEL-MH88500 Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88500IN MITEL-MH88500IN Datasheet
96Kb / 10P
   Hybrid Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88520-1 MITEL-MH88520-1 Datasheet
105Kb / 10P
   German Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
MH88615 MITEL-MH88615 Datasheet
50Kb / 6P
   ONS Subscriber Line Interface Circuit Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com