Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88617 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # MH88617
Description  Programmable SLIC with Ringing Amplification Advance Information
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88617 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  MH88617 Datasheet HTML 1Page - Mitel Networks Corporation MH88617 Datasheet HTML 2Page - Mitel Networks Corporation MH88617 Datasheet HTML 3Page - Mitel Networks Corporation MH88617 Datasheet HTML 4Page - Mitel Networks Corporation MH88617 Datasheet HTML 5Page - Mitel Networks Corporation MH88617 Datasheet HTML 6Page - Mitel Networks Corporation MH88617 Datasheet HTML 7Page - Mitel Networks Corporation MH88617 Datasheet HTML 8Page - Mitel Networks Corporation MH88617 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Advance Information
MH88617
2-159
18
15
RV
Ringing Voltage. A low level AC sinusoid is applied to this pin. This signal is amplified
and output from TIP/RING to the line as the ringing signal, when RC is at logic 1. This pin
should be driven with a low impedance AGND centred source.
7
16
ESE
External Signal Enable. Meter pulse input enable.
8
17
ESI
External Signal Input. Meter pulse input.
2,
4,10
11,13
,23
25,24
18
IC
Internal Connection. No connection should be made to this pin.
14
19
SHK
Switch Hook Detect (Output). A logic 1 at this pin indicates when the subscriber has
gone Off-Hook.
620
RC
Ringing Control (Input). A logic 1 will cause the ringing voltage to be applied to the line.
19
21
ZA
Line Impedance. Connect passive components from ZA to ground to match input and
line impedance.
Pin Description (continued)
28
Pin
DIL
21
Pin
SIL
Name
Description
Functional Description
The MH88617 is a Subscriber Line Interface Circuit
(SLIC) used to provide an analog interface between
the 4-wire connection and the 2-wire subscriber line
of a communications system.
It provides powering of the subscriber line along with
signalling, control and status circuits. This combines
to provide a comprehensive line and interface
solution in applications such as PABX, Key Systems,
Analog Terminal Adapters, Pair Gain Systems, Fibre
in the Loop and Wireless Local Loop.
External Protection Circuit
An External Protection Circuit assists in preventing
damage to the device and the subscriber equipment,
due to over-voltage conditions (see Figure 3). Also
reference MSAN-156.
2-4 Wire Conversion
The SLIC converts the balanced 2-Wire input at Tip
and Ring to a ground referenced signal at VX. The
device converts the ground referenced signal input at
VR to a balanced 2-Wire signal across Tip and Ring.
Normally the VX and VR pins connect to a Codec
that
interfaces
the
analog
signal
to
a
digital
network.During full duplex transmission, the signal at
Tip and Ring consists of both the signal from the
device to the line and the signal from the line to the
device. The signal input at VR being sent to the line,
must not appear at the output VX. In order to prevent
this, the device has an internal cancellation circuit,
the measure of this attenuation is Transhybrid Loss
(THL).
The MH88617 has the ability to transmit analog
signals from VR through to Tip and Ring when on-
hook. This can be used when sending caller line
identification information.
Battery Feed and Loop Current Adjust
The MH88617 has an active feedback circuit to
regulate the DC current to the subscriber line. This
current is programmable over a wide range via the
LCA pin. With LCA open circuit the current will be set
to 24mA. This can be increased up to 55mA by
connecting a resistor between LCA and VCC or
reduced down to 14mA by connecting a resistor
between LCA and AGND. MSAN-156 shows a table
of resistor values and loop current.
The line driver stage is biased between +5V and
-48V DC. Therefore it should be noted that loop
current will flow in the +5V supply, this must be taken
into consideration when choosing the +5V supply.
The device will operate over a very wide VBAT
supply
range
but
care
must
be
taken
when
programming the constant current that the maximum
power dissipation is not exceeded. For the majority


Similar Part No. - MH88617

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
logo
API Technologies Corp
MH88612 APITECH-MH88612 Datasheet
287Kb / 1P
   Transformer
logo
Zarlink Semiconductor I...
MH88612B ZARLINK-MH88612B Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
MH88612BV-2 ZARLINK-MH88612BV-2 Datasheet
163Kb / 10P
   Subscriber Line Interface Circuit (SLIC)
More results

Similar Description - MH88617

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Mitel Networks Corporat...
MH88612BV-K MITEL-MH88612BV-K Datasheet
47Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Advance Information
logo
Silicon Laboratories
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com