Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88622-1 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MH88622-1
Description  DUAL OPS SLIC Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88622-1 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MH88622-1 Datasheet HTML 2Page - Mitel Networks Corporation MH88622-1 Datasheet HTML 3Page - Mitel Networks Corporation MH88622-1 Datasheet HTML 4Page - Mitel Networks Corporation MH88622-1 Datasheet HTML 5Page - Mitel Networks Corporation MH88622-1 Datasheet HTML 6Page - Mitel Networks Corporation MH88622-1 Datasheet HTML 7Page - Mitel Networks Corporation MH88622-1 Datasheet HTML 8Page - Mitel Networks Corporation MH88622-1 Datasheet HTML 9Page - Mitel Networks Corporation MH88622-1 Datasheet HTML 10Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Information
MH88622
2-179
Functional Description
The SLIC uses a Transformerless 2-4 Wire converter
for each subscriber which can be connected to a
CODEC to interface the 2-Wire subscriber loop to a
time
division
multiplexed
(TDM),
pulse
code
modulated (PCM), digital link.
Powering of the subscriber line is provided through
precision battery feed resistors on the hybrid. The
thick film hybrid circuit contains control, signalling
and status circuits which combine to provide a
complete solution simplifying the manufacture of line
cards.
Approvals
FCC part 68, CCITT, DOS CS-03, UL 1459, CAN/
CSA-22.2 N0. 225-M90 and ANSI/EIA/TIA-464-A are
system level safety standards and performance
requirements. As a component of a system, the
MH88622 is designed to comply with the applicable
requirements of these specifications.
Battery Feed
The SLIC is designed for a nominal battery voltage
of -48 Vdc and can provide the constant feed current
for 1500
Ω loop under this condition.
The interface circuit is designed to be operated up to
a maximum of -60V dc battery feed voltage without
damage, providing a minimum loop length capability
of 2000
Ω.
There is also a function on the SLIC that provides for
Tip-Ring reversal.
Current Limit
Primary over current protection is inherent in the
current limiting feature of the battery feed circuit.
Current limiting is provided for both Tip and Ring
unbalanced conditions.
The maximum loop current limit is set internally on
the interface and current limiting does not affect the
longitudinal or the signal balance of the device. To
set ILoop to 40mA tie the LCS pin high (Logic 1), to
set ILoop to 25mA the LCS pin may be left open circuit
or tied low (Logic 0).
Two Wire Port Termination Impedance
The Tip/Ring impedance (Zin) is fixed for each
variant.
Transmit and Receive Gain
The transmit and receive gain of the MH88622 is
internally set.
Internal Ringing Generator
The MH88622 offers an on board ringing generator
requiring only two external passive components and
a DC voltage source to produce a sine wave of
between 17Hz to 68Hz.
An internal signal is amplified by a user programmed
amount and is applied to Tip and Ring. The
programmable gain must be set using RGV and RG1
to ensure that distortion of the ringing signal is
minimised.
With VBAT = -48Vdc and VDCRI = +120Vdc and the
ringing voltage = 90Vrms RGV and RG1 should be left
open circuit. By adding an external resistor between
RGV and RG1 it is possible to reduce the ringing
voltage applied by the driver section to Tip and Ring.
The DC voltage source should be continuously applied
to the MH88622. The ringing voltage will only be
applied when the RC pin of the relevant subscriber is
activated.
Table 1 - Ring Generator Capacitor Selection
12-16kHz Meter Pulse
The MH88622 provides control of an external signal
path to the driver. A 12/16 KHz continuous signal
should be applied to the ESI pin. Control of the ESE
input allows the metering signal to be transmitted to
the line with a ramped up and down amplitude to
reduce noise on the line. Typical ramp time is 10mS.
Typ. Frequency
(Hz)
CF1, CF2
(nF)
17
100
25
68
35
47
50
33


Similar Part No. - MH88622-1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88620BR MITEL-MH88620BR Datasheet
152Kb / 14P
   C.O. SLIC Preliminary Information
MH88620IN MITEL-MH88620IN Datasheet
147Kb / 14P
   C.O. SLIC Preliminary Information
MH88625 MITEL-MH88625 Datasheet
186Kb / 16P
   DID/OPS SLIC Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
   Central Office SLIC Preliminary Information
More results

Similar Description - MH88622-1

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88625 MITEL-MH88625 Datasheet
186Kb / 16P
   DID/OPS SLIC Preliminary Information
MH89626C MITEL-MH89626C Datasheet
114Kb / 12P
   OPS/DID SLIC Preliminary Information
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
MH88600 MITEL-MH88600 Datasheet
122Kb / 14P
   Global SLIC Preliminary Information
MH88620BR MITEL-MH88620BR Datasheet
152Kb / 14P
   C.O. SLIC Preliminary Information
MH88620IN MITEL-MH88620IN Datasheet
147Kb / 14P
   C.O. SLIC Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
   Central Office SLIC Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com