Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88622-3 Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MH88622-3
Description  DUAL OPS SLIC Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88622-3 Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MH88622-3 Datasheet HTML 1Page - Mitel Networks Corporation MH88622-3 Datasheet HTML 2Page - Mitel Networks Corporation MH88622-3 Datasheet HTML 3Page - Mitel Networks Corporation MH88622-3 Datasheet HTML 4Page - Mitel Networks Corporation MH88622-3 Datasheet HTML 5Page - Mitel Networks Corporation MH88622-3 Datasheet HTML 6Page - Mitel Networks Corporation MH88622-3 Datasheet HTML 7Page - Mitel Networks Corporation MH88622-3 Datasheet HTML 8Page - Mitel Networks Corporation MH88622-3 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-177
Preliminary Information
MH88622
AC Electrical Characteristics*
Characteristics
Sym
Min
Typ
MaxUnits
Test Comments
1
Gain VR to 2-Wire
Gain relative to Gain @ 1kHz
-0.2
0
+0.15
+0.2
dB
Input 1.0Vrms 1kHz @ VR,
Zload = Zin
300-3.4kHz
2
Gain 2-wire to VX
Gain relative to Gain @ 1kHz
-6.2
-6
+0.15
-5.8
dB
Input 3dBm 1kHz @ 2W
Zsource = Zin
300-3.4kHz
3
Off-Hook Detect Threshold
7.5
mA
4
Transhybrid Loss
THL
22
30
dB
300-3.4kHz
5
Ringing Signal Voltage
40
Vrms Min 65Vdc differential between
DCRI & VBAT
6
Ringing Frequency
17
68
Hz
See Table 1
7
Ringing Capability
4
REN
1750
Ω impedance @ 20Hz min.
8
Power Supply Rejection Ratio
VBat
VDD/VEE
VDCRI
PSRR
30
30
30
dB
Ripple
0.1 VPP 1kHz
9
2-wire Return Loss
20
35
dB
Input 0.5 Vrms 1kHz across Tip
& Ring Zload = Zin
10 Longitudinal to Metallic Balance
-1 Variant
-2 Variant
-3 Variant
-5 Variant
Metallic to Longitudinal Balance
-2 Variant only
40
55
53
58
53
46
40
46
60
40
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Input 0.5Vrms
50-300Hz
300-1000Hz
1k-4kHz
200Hz to 1kHz
3kHz
300Hz to 3k4Hz
300Hz to 600Hz
600Hz to 3k4Hz
200Hz to 1kHz
1kHz to 4kHz
11 Input AC Impedance (2- wire)
-1 variant (220
Ω + 820Ω // 115nF)
-2 variant (600
Ω)
-3 variant (370
Ω + 620Ω // 310nF)
-5 variant (200
Ω + 680Ω // 100nF)
ZIN
600
900
700
823
1kHz @ 2-wire
12 Input Impedance @ VR
230
k
13 Output Impedance @ VR
10
14 Total Harmonic Distortion
at VX
at Tip & Ring
THD
0.2
0.2
%
%
Input 4dBm @2-Wire
Input 1V at VR
15 Common Mode Rejection
Ratio 2-Wire to VX
CMRR
40
60
dB
Input 0,5V, 1kHz
16 Idle Channel Noise
at VX
at 2-wire
NC
15
15
dBrn
C
17 On-Hook Transmission Signal
Input Level Gain
6
2.0
Vrms
dB
VBat = -48V
T-R load = 10k
Ω min.
18 External Signal Output Level
1.75
2.2
Vrms VBat = -48V
T-R load = 200


Similar Part No. - MH88622-3

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88620BR MITEL-MH88620BR Datasheet
152Kb / 14P
   C.O. SLIC Preliminary Information
MH88620IN MITEL-MH88620IN Datasheet
147Kb / 14P
   C.O. SLIC Preliminary Information
MH88625 MITEL-MH88625 Datasheet
186Kb / 16P
   DID/OPS SLIC Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
   Central Office SLIC Preliminary Information
More results

Similar Description - MH88622-3

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88625 MITEL-MH88625 Datasheet
186Kb / 16P
   DID/OPS SLIC Preliminary Information
MH89626C MITEL-MH89626C Datasheet
114Kb / 12P
   OPS/DID SLIC Preliminary Information
MH89625C MITEL-MH89625C Datasheet
133Kb / 16P
   OPS/DID PCM SLIC Preliminary Information
MH88600 MITEL-MH88600 Datasheet
122Kb / 14P
   Global SLIC Preliminary Information
MH88620BR MITEL-MH88620BR Datasheet
152Kb / 14P
   C.O. SLIC Preliminary Information
MH88620IN MITEL-MH88620IN Datasheet
147Kb / 14P
   C.O. SLIC Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
   Central Office SLIC Preliminary Information
MH88612 MITEL-MH88612 Datasheet
64Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88510 MITEL-MH88510 Datasheet
130Kb / 10P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
MH88610 MITEL-MH88610 Datasheet
63Kb / 8P
   Subscriber Line Interface Circuit (SLIC) Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com