Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH88631 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MH88631
Description  Central Office Interface (LS/GS) Preliminary Information
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH88631 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MH88631 Datasheet HTML 1Page - Mitel Networks Corporation MH88631 Datasheet HTML 2Page - Mitel Networks Corporation MH88631 Datasheet HTML 3Page - Mitel Networks Corporation MH88631 Datasheet HTML 4Page - Mitel Networks Corporation MH88631 Datasheet HTML 5Page - Mitel Networks Corporation MH88631 Datasheet HTML 6Page - Mitel Networks Corporation MH88631 Datasheet HTML 7Page - Mitel Networks Corporation MH88631 Datasheet HTML 8Page - Mitel Networks Corporation MH88631 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2-225
®
Features
Transformerless 2-4 wire conversion
Line state detection outputs
- forward current
- reverse current
- ring ground
- tip ground
- ringing voltage
Programmable audio transmit and receive gain
Loop start or ground start termination
Selectable 600
Ω or AT&T compromise balance
network
-1 version: 20Hz Ringing Voltage
-2 version: 50Hz Ringing Voltage
Applications
PBX
Channel bank
Intercom
Key System
Description
The
Mitel MH88631-1, 2 Central Office Trunk
Interface circuit provides a complete audio and
signalling link between audio switching equipment
and a central office. The loop seize circuitry is
controlled by an external input to provide either a
loop start of ground start termination. The device is
fabricated using thick film ceramic technology to
achieve high density circuit design.
T
R
VTR+
VTR-
RXIN-
RXIN+
LPGND RINGND
RC1
RD1
RGND
CD
RD2
RC2
VCC+
RG FC RV RC TG
QB QE XA XB XC
VDD VEE
RXOUT
TXIN+
TXIN-
NETBAL
GSX
VX
VR
GSR
VCC- AGND
Signal Detection
Circuitry
Active
Termination
Ring
Ground
Network
Balance
Relay
Driver 1
Relay
Driver 2
Audio Section
Circuitry
(2-4 Wire)
ISSUE 4
April 1995
Ordering Information
MH88631-1
40 Pin SIL Package
MH88631-2
40 Pin SIL Package
0
°C to 70°C
Figure 1 - Functional Block Diagram
MH88631
Central Office Interface (LS/GS)
Preliminary Information


Similar Part No. - MH88631

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88630 MITEL-MH88630 Datasheet
85Kb / 10P
   Central Office Interface (LS/GS) Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
   Central Office Interface Circuit Preliminary Information
MH88632B MITEL-MH88632B Datasheet
95Kb / 17P
   Central Office Interface Circuit Preliminary Information
MH88632BT MITEL-MH88632BT Datasheet
95Kb / 17P
   Central Office Interface Circuit Preliminary Information
MH88634 MITEL-MH88634 Datasheet
62Kb / 8P
   Central Office Interface Circuit Preliminary Information
More results

Similar Description - MH88631

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH88630 MITEL-MH88630 Datasheet
85Kb / 10P
   Central Office Interface (LS/GS) Preliminary Information
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
   Central Office Interface Circuit Preliminary Information
MH88632B MITEL-MH88632B Datasheet
95Kb / 17P
   Central Office Interface Circuit Preliminary Information
MH88634 MITEL-MH88634 Datasheet
62Kb / 8P
   Central Office Interface Circuit Preliminary Information
MH88634-2 MITEL-MH88634-2 Datasheet
164Kb / 12P
   Central Office Interface Circuit Preliminary Information
MH88634K MITEL-MH88634K Datasheet
66Kb / 8P
   Central Office Interface Circuit Preliminary Information
MH88628 MITEL-MH88628 Datasheet
155Kb / 16P
   Central Office SLIC Preliminary Information
MH88634B MITEL-MH88634B Datasheet
57Kb / 13P
   Central Office Interface Circuit Advance Information
logo
Zarlink Semiconductor I...
MH88634CV-K ZARLINK-MH88634CV-K Datasheet
437Kb / 13P
   Central Office Interface Circuit
logo
Mitel Networks Corporat...
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com