Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRL0801F-15 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # PRL0801F-15
Description  AC-DC PFC SWITCHING POWER SUPPLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

PRL0801F-15 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  PRL0801F-15 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. PRL0801F-15 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. PRL0801F-15 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD. PRL0801F-15 Datasheet HTML 4Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
Note:
* PRL0801 series are designated as PRL0801x-y where x can be E (Enclosed Type with rear side built-in fan) or F (U-Chassis Type with top
side built-in fan) or U (U-Chassis), y can be 05, 09, 12, 15, 18, 24, 30, 36, 40, 48, 54.
* U Type: U-Chassis @300W max. with min. 25CFM forced airflow; 150W under convection cooling (Option: vented top cover).
* E Type: Enclosed with rear side built-in fan @300W max.
* F Type: U-Chassis with top built-in fan @300W max.
* All output range are covered in agencies certification and the preset voltage will be set as standard models if any request is not preset
output then should contact us in advance.
* Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1µF ceramic and 22µF electrolytic capacitors.
* Providing peak power to 600W within 500uS for all models, longer duty duration need contact manufacture.
* 1% minimum load is required to maintain the ripple and regulation.
* Output is fully isolated.
Input Connector (CN1):
U and F Type: Mating Molex Part No. VHR-5N or equivalent (5pin, 3 used), or Terminal Block: Howder M3 screws 3 pin 6.35mm center Part No.
HD-601-3P; PCB Labeling: L=Line; N=Neutral; G=Chassis Ground .
E Type: IEC320 snap-in mounting type or Terminal Block: Howder HD-602-3P.
Output Connector (CN2):
Mating Molex Part No. VHR-6N
Terminal block-Dinkle P830N, M5 screws.
Output Pin Assignment:
(See table in right).
Mounting Inserts:
6Paces M3. Maximum Penetration 3.8mm sees outline drawing for location.
Logic signal connector (CN3):
Mating JST XHP-4 or equivalent (CHYAO SHIUNN JS-2001-04);
Mating Pins: JST SXH-002T-P0.6 FOR AWG 30 to 26.
Fan driver connector (FAN1):
Mating connector is JST P/N XHP-3 (3 pins 0.98 pitch) or equivalent (CHYAO SHIUNN JS-2001-03).
Dinkle
Molex
V+: Pin 2
V+: Pin 4 ~ 6
V-: Pin 1
V-: Pin 1 ~ 3
OUTLINE DRAWING:
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
Model
Output
Range
Preset
Voltage
Max. Output Power or Current
Regulation
Ripple
& Noise
Type U & E & F (forced
air)
Type U (Convection)
PRL0801x-05
2 ~ 5V
5V
42A
20A
+/- 1%
1%
PRL0801x-09
7 ~ 11V
9 V
27.27A
13.64A
+/- 1%
1%
PRL0801x-12
12 ~ 13.8V
12 V
300W
150W
+/- 1%
1%
PRL0801x-15
14 ~ 16V
15 V
300W
150W
+/- 1%
1%
PRL0801x-18
17 ~ 22V
18V
300W
150W
+/- 1%
1%
PRL0801x-24
23 ~ 28V
24V
300W
150W
+/- 1%
1%
PRL0801x-30
29~ 34V
30V
300W
150W
+/- 1%
1%
PRL0801x-36
35 ~ 43V
36V
300W
150W
+/- 1%
1%
PRL0801x-48
44 ~ 52V
48V
300W
150W
+/- 1%
1%
PRL0801x-54
53 ~ 60V
54V
300W
150W
+/- 1%
1%
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465


Similar Part No. - PRL0801F-15

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801DE-0512 ULC-PRL0801DE-0512 Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801DE-0524 ULC-PRL0801DE-0524 Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801DE-0548 ULC-PRL0801DE-0548 Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0801DE-1224 ULC-PRL0801DE-1224 Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
More results

Similar Description - PRL0801F-15

ManufacturerPart #DatasheetDescription
logo
ULTRA LEVEL TECH CO., L...
PRL0801D ULC-PRL0801D Datasheet
561Kb / 4P
   AC-DC PFC SWITCHING POWER SUPPLY
PRL0602N ULC-PRL0602N Datasheet
454Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1103 ULC-PRL1103 Datasheet
332Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
PRL1201D ULC-PRL1201D Datasheet
148Kb / 3P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL0602DN ULC-PRL0602DN Datasheet
451Kb / 4P
   AC-DC Active PFC SWITCHING POWER SUPPLY
PRL1301D ULC-PRL1301D Datasheet
477Kb / 4P
   AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
PRL1103D ULC-PRL1103D Datasheet
372Kb / 4P
   AC-DC PFC MEDICAL SWITCHING POWER SUPPLY
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
   350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
ULTRA LEVEL TECH CO., L...
PRL1201 ULC-PRL1201 Datasheet
264Kb / 3P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
PRL1301 ULC-PRL1301 Datasheet
478Kb / 4P
   AC TO DC ACTIVE PFC SWITCHING POWER SUPPLY SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com