Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL0603F-24 Datasheet(PDF) 2 Page - ULTRA LEVEL TECH CO., LTD.

Part # RL0603F-24
Description  AC-DC SWITCHING POWER SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ULC [ULTRA LEVEL TECH CO., LTD.]
Direct Link  http://www.ultralevel.com.tw/
Logo ULC - ULTRA LEVEL TECH CO., LTD.

RL0603F-24 Datasheet(HTML) 2 Page - ULTRA LEVEL TECH CO., LTD.

  RL0603F-24 Datasheet HTML 1Page - ULTRA LEVEL TECH CO., LTD. RL0603F-24 Datasheet HTML 2Page - ULTRA LEVEL TECH CO., LTD. RL0603F-24 Datasheet HTML 3Page - ULTRA LEVEL TECH CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OUTPUT VOLTAGE / CURRENT RATING CHART: Measured at output power connector.
OUTLINE DRAWING:
NOTE:
* RL0603 series are designated as RL0603x-y where x can be U (U-Chassis Type) or F (U-Chassis with Cover and built-in Fan installed);
y can be 05, 09, 12, 15, 18, 24, 28, 36, 48, 54.
* RL0603U Series: 250W max. with min.16CFM forced air flow offering; 135W max. under air convection.
* RL0603F Series: 250W max. with Top built-in Fan flow.
* Providing peak power to 600W within 500uS for all models, longer duty duration need contact manufacturer.
* Ripple and noise is measured from 10KHZ to 20MHz bandwidth at output with parallel 0.1uF ceramic and 22uF electrolytic capacitors.
* 1% minimum load is required to maintain the ripple and regulation.
* Output is fully isolated.
RL0603U Series (U-Chassis Type): 5(L) x 3.2(W) x 1.5(H) inches; Weight: 400g.
Copy Right Ultra Level Tech Co., Ltd 2015, All Right Reserved. Specifications subject to change without notice.
Model
Output
Range
Preset
Voltage
Max. Output Power or Current
Regulation
Ripple &
Noise
Type U (with min.16CFM forced
air) & Type F
Type U
(Convection)
RL0603x-05
2 ~ 5V
5V
40A
20A
+/- 1%
1%
RL0603x-09
6 ~ 10V
9 V
25A
13.5A
+/- 1%
1%
RL0603x-12
11 ~ 13.8V
12 V
250W
135W
+/- 1%
1%
RL0603x-15
14 ~ 15.5V
15 V
250W
135W
+/- 1%
1%
RL0603x-18
16 ~ 20V
18V
250W
135W
+/- 1%
1%
RL0603x-24
21 ~ 26V
24V
250W
135W
+/- 1%
1%
RL0603x-28
27 ~ 34V
28V
250W
135W
+/- 1%
1%
RL0603x-36
35 ~ 42V
36V
250W
135W
+/- 1%
1%
RL0603x-48
43 ~ 50V
48V
250W
135W
+/- 1%
1%
RL0603x-54
51 ~ 60V
54V
250W
135W
+/- 1%
1%
B
B
B
ULTRA LEVEL TECH CO., LTD.
We Supply the Power Customers Need ISO9001
www.ultralevel.com.tw
Tel:+886-2-29180118
Fax:+886-2-29181465


Similar Part No. - RL0603F-24

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL0603FK-070R105L YAGEO-RL0603FK-070R105L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603FK-070R12L YAGEO-RL0603FK-070R12L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603FK-070R1L YAGEO-RL0603FK-070R1L Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603FK-07100RL YAGEO-RL0603FK-07100RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0603FK-0710RL YAGEO-RL0603FK-0710RL Datasheet
670Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL0603F-24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com