Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MH89770 Datasheet(PDF) 11 Page - Mitel Networks Corporation

Part # MH89770
Description  T1/ESF Framer & Interface Preliminary Information
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89770 Datasheet(HTML) 11 Page - Mitel Networks Corporation

Back Button MH89770 Datasheet HTML 7Page - Mitel Networks Corporation MH89770 Datasheet HTML 8Page - Mitel Networks Corporation MH89770 Datasheet HTML 9Page - Mitel Networks Corporation MH89770 Datasheet HTML 10Page - Mitel Networks Corporation MH89770 Datasheet HTML 11Page - Mitel Networks Corporation MH89770 Datasheet HTML 12Page - Mitel Networks Corporation MH89770 Datasheet HTML 13Page - Mitel Networks Corporation MH89770 Datasheet HTML 14Page - Mitel Networks Corporation MH89770 Datasheet HTML 15Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
4-135
Preliminary Information
MH89770
.
Table 11. Per Channel Status Word Output on CSTo
Bit
Name
Description
7-4
Unused
Unused Bits. Will be output as 0’s.
3
2
1
0
A
B
C
D
These are the 4 signalling bits as extracted from the received DS1 bit stream.
The bits are debounced for 6 to 9 ms if the debounce feature is enabled via bit 7 in
Master Control Word 1.
violation counter, alarms, CRC error count, FT error
count, synchronization pattern mimic and a phase
status word. Tables 8 and 9 give a description of each
of the bits in Master Status Words 1 and 2, and Table
10 gives a description of the Phase Status Word.
In addition, the MH89770 has a Loss of Signal (LOS)
pin that is set High when 128 consecutive ZEROs are
received. While LOS is set High, RxA and RxB are
forced High. The LOS signal goes Low when a ONEs
density on 12.5% of the bits (equivalent to 48 bits)
occurs in a two DS1 frame period.
Alarm Detection
The device detects the yellow alarm for both D3/D4
frame format and ESF format. The D3/D4 yellow
alarm will be activated if a ‘0’ is received in bit
position 2 of every DS0 channel for 600 msec. It will
be released in 200 msec after the contents of the bit
change. The alarm is detectable in the presence of
errors on the line. The ESF yellow alarm will become
active when the device has detected a string of eight
0’s followed by eight 1’s in the facility data link. It is
not detectable in the presence of errors on the line.
This means that the ESF yellow alarm will drop out
for relatively short periods of time, so the system will
have to integrate the ESF yellow alarm. The blue
alarm signal, in Master Status Word 2, will also drop
out if there are errors on the line.
Mimic Detection
The mimic bit in Master Status Word 1 will be set if,
during synchronization, a frame alignment pattern
(FT or FPS bit pattern) was observed in more than
one position, i.e., if more than one candidate for the
frame synchronization position was observed. It will
be reset when the device resynchronizes. The mimic
bit, the terminal framing error bit and the CRC error
counter can be used separately or together to decide
if the receiver should be forced to reframe.
Bipolar Violation Counter
The Bipolar Violation bit in Master Status Word 1 will
toggle after 256 violations have been detected in the
received signal. It has a maximum refresh time of 96
ms. This means that the bit can not change state
faster than once every 96 ms. For example, if there
are 256 violations in 80 ms the BPV bit will not
change state until 96 ms. Any more errors in that
extra 16 ms are not counted. If there are 256 errors
in 200 ms then the BPV bit will change state after
200 ms.
In practical terms this puts an upper limit
on the error rate that can be calculated from the BPV
information, but this rate (1.7 X 10-3) is well above
any normal operating condition.
Bits
4
and
3
also
provide
bipolar
violations
infor-mation. Bit 4 will change state after 128
violations. Bit 3 changes state after 64 bipolar
violations. These bits are refreshed independently
and are not subject to the 96 ms refresh rate
described above.
DS1/ST-BUS Phase Difference
An indication of the phase difference between the
ST-BUS and the DS1 frame can be ascertained from
the information provided by the eight bit Phase
Status Word and the Frame Count bit. Channel three
on CSTo contains the Phase Status Word. Bits 7-3 in
this word indicate the number of ST-BUS channels
between the ST-BUS frame pulse and the rising
edge of the E8Ko signal. The remaining three bits
provide one bit resolution within the channel count
indicated by bits 7-3. The frame count bit in Master
Status Word 2 is the ninth and most significant bit of
the phase status word. It will toggle when the phase
status word increments above channel 31, bit 7 or
decrements below channel 0, bit 0. The E8Ko signal
has a specific relationship with received DS1 frame.
The rising edge of E8Ko occurs during bit 2, channel
17 of the received DS1 frame. The Phase Status
Word in conjunction with the frame count bit, can be
used to monitor the phase relationship between the
received DS1 frame and the local ST-BUS frame.
The local 2.048 MHz ST-BUS clock must
be
phase-locked to the 1.544 MHz clock extracted from
the received data. When the two clocks are not
phase-locked, the input data rate on the DS1 side
will differ from the output data rate on the ST-BUS
side. If the average input data rate is higher than the


Similar Part No. - MH89770

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89726 MITEL-MH89726 Datasheet
119Kb / 6P
   MT8972 Loop Extender Circuits Advance Information
MH89728 MITEL-MH89728 Datasheet
119Kb / 6P
   MT8972 Loop Extender Circuits Advance Information
MH89760B MITEL-MH89760B Datasheet
846Kb / 38P
   ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
MH89760BN MITEL-MH89760BN Datasheet
846Kb / 38P
   ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
MH89760BS MITEL-MH89760BS Datasheet
846Kb / 38P
   ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
More results

Similar Description - MH89770

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MH89760B MITEL-MH89760B Datasheet
846Kb / 38P
   ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
MT8977 MITEL-MT8977 Datasheet
344Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MT8976 MITEL-MT8976 Datasheet
337Kb / 26P
   ISO-CMOS ST-BUS??FAMILY T1/ESF Framer Circuit
MH89790B MITEL-MH89790B Datasheet
488Kb / 32P
   ST-BUS??FAMILY CEPT PCM 30/CRC-4 Framer & Interface Preliminary Information
MH88400 MITEL-MH88400 Datasheet
120Kb / 10P
   Line Interface Circuit Preliminary Information
MH88422 MITEL-MH88422 Datasheet
121Kb / 12P
   Line Interface Circuit Preliminary Information
logo
M/A-COM Technology Solu...
28370-BRF-001-A MA-COM-28370-BRF-001-A_15 Datasheet
109Kb / 4P
   T1/E1 Framer and Line Interface
28370-BRF-001-A MA-COM-28370-BRF-001-A Datasheet
109Kb / 4P
   T1/E1 Framer and Line Interface
logo
Mitel Networks Corporat...
MH88632 MITEL-MH88632 Datasheet
156Kb / 18P
   Central Office Interface Circuit Preliminary Information
MH88632B MITEL-MH88632B Datasheet
95Kb / 17P
   Central Office Interface Circuit Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com