Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301540068 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301540068
Description  Watertite Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301540068 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301540068 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301540068
Status:
Active
Overview:
Watertite® Wet-Location Wiring Solutions
Description:
Watertite® Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset
Length 0.91m (3.0'), NEMA L5-20, 125V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LL52750
UL
E38085
General
Product Family
Wiring Devices
Series
130154
IP Rating
IP67
NEMA Configuration
NEMA L5-20
Overview
Watertite® Wet-Location Wiring Solutions
Product Literature Order No
987650-8067
Product Name
Watertite®
Receptacle Type
Triple
Specialty
N/A
Type
Molded W Cordset
UPC
78678800640
Woodhead
Yes
Physical
Cord Grip Body Size
F3 3/4"
Flange
No
Flip Lid
No
Gender
Male-Female
Length
0.91m (3.0')
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
12/3 SOOW
Current - Maximum per Contact
20.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
26W47-W
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130154 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301540068

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301540060 MOLEX11-1301540060 Datasheet
49Kb / 1P
   Watertite Standard Molded Y Cordset, 2 Pole/3 Wire, Cordset Length 0.91m
1301540061 MOLEX11-1301540061 Datasheet
49Kb / 1P
   Watertite Inline GFCI Molded Y Cordset, 2 Pole/3 Wire, Cordset Length 0.91m
1301540062 MOLEX11-1301540062 Datasheet
33Kb / 1P
   Super-Safeway Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset
1301540063 MOLEX11-1301540063 Datasheet
35Kb / 1P
   Super-Safeway Molded W Cordset, 2 Pole/3 Wire SJOW Cordset, Cordset Length
1301540064 MOLEX11-1301540064 Datasheet
30Kb / 1P
   Super-Safeway Standard Molded Y Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset
More results

Similar Description - 1301540068

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130154-0068 MOLEX11-130154-0068 Datasheet
51Kb / 1P
   Watertite Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset
130154-0043 MOLEX11-130154-0043 Datasheet
51Kb / 1P
   Watertite Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset Length 0.91m
1301540043 MOLEX11-1301540043 Datasheet
43Kb / 1P
   Watertite Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset Length 0.91m
1301540044 MOLEX11-1301540044 Datasheet
49Kb / 1P
   Watertite Standard Molded Y Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset Length
130154-0070 MOLEX11-130154-0070 Datasheet
57Kb / 1P
   Watertite Standard Molded Y Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset Length
1301540035 MOLEX11-1301540035 Datasheet
33Kb / 1P
   Super-Safeway Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset
1301540062 MOLEX11-1301540062 Datasheet
33Kb / 1P
   Super-Safeway Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset
1301540033 MOLEX11-1301540033 Datasheet
60Kb / 1P
   Super-Safeway Standard Molded W Cordset, 2 Pole/3 Wire SOOW Cordset, Cordset
130143-0228 MOLEX11-130143-0228 Datasheet
33Kb / 1P
   Watertite Standard Molded W Cordset, 2 Pole/3 Wire SOW Cordset
130154-0069 MOLEX11-130154-0069 Datasheet
33Kb / 1P
   Watertite Standard Molded W Cordset, 2 Pole/3 Wire SJOW Cordset
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com