Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5841HS Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5841HS
Description  Audio Multi-function Digital Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5841HS Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5841HS Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5841HS Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SM5841H
NIPPON PRECISION CIRCUITS—5
DC Electrical Characteristics
Standard voltage: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −20 to 80 °C
Low voltage: VDD = 3.2 to 4.5 V, VSS = 0 V, Ta = −20 to 80 °C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
VDD = 5.0 V
1
1. fSYS = 384fs = 20 MHz, no output load
––
40
mA
HIGH-level input voltage2
2. Pins CKSL, OFST
VIH1
0.7VDD
––
V
LOW-level input voltage2
VIL1
0.3VDD
V
CKI AC-coupled input voltage
VINAC
Sine wave input
0.3VDD
––
Vp-p
HIGH-level input voltage3
3. Pins LRCI, DIN, BCKI, DSF1, DSF2, WSL1, WSL2, RST
VIH2
2.4
V
LOW-level input voltage3
VIL2
0.5
V
HIGH-level output voltage4
4. Pins CKO, DOL, DOR, BCKO, WCKO
VOH
IOH = −0.4 mA
2.5
V
LOW-level output voltage4
VOL
IOL = 1.6 mA
0.4
V
CKI HIGH-level input current
IIH1
VIN = VDD
–10
20
µA
CKI LOW-level input current
IIL1
VIN = 0 V
10
20
µA
LOW-level input current3
IIL2
VIN = 0 V
10
20
µA
Input leakage current2, 3
ILH
VIN = VDD
1.0
µA
Input leakage current2
ILL
VIN = 0 V
1.0
µA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
IDD
VDD = 3.4 V
1
1. fSYS = 384fs = 18.5 MHz, no output load
––
20
mA
HIGH-level input voltage2
2. Pins CKSL, OFST
VIH1
0.7VDD
––
V
LOW-level input voltage2
VIL1
0.3VDD
V
CKI AC-coupled input voltage
VINAC
Sine wave input
0.3VDD
––
Vp-p
HIGH-level input voltage3
3. Pins LRCI, DIN, BCKI, DSF1, DSF2, WSL1, WSL2, RST
VIH2
2.4
V
LOW-level input voltage3
VIL2
0.5
V
HIGH-level output voltage4
4. Pins CKO, DOL, DOR, BCKO, WCKO
VOH
IOH = −0.2 mA
2.5
V
LOW-level output voltage4
VOL
IOL = 0.8 mA
0.4
V
CKI HIGH-level input current
IIH1
VIN = VDD
––
12
µA
CKI LOW-level input current
IIL1
VIN = 0 V
12
µA
LOW-level input current3
IIL2
VIN = 0 V
12
µA
Input leakage current2, 3
ILH
VIN = VDD
1.0
µA
Input leakage current2
ILL
VIN = 0 V
1.0
µA


Similar Part No. - SM5841HS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841B NPC-SM5841B Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
More results

Similar Description - SM5841HS

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
SM5847AF NPC-SM5847AF Datasheet
337Kb / 30P
   High-fidelity Digital Audio, Multi-function Digital Filter
SM5842AP NPC-SM5842AP Datasheet
201Kb / 23P
   High-Class Audio Multi-function Digital Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com