Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT3170 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT3170
Description  Wide Dynamic Range DTMF Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT3170 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT3170 Datasheet HTML 1Page - Mitel Networks Corporation MT3170 Datasheet HTML 2Page - Mitel Networks Corporation MT3170 Datasheet HTML 3Page - Mitel Networks Corporation MT3170 Datasheet HTML 4Page - Mitel Networks Corporation MT3170 Datasheet HTML 5Page - Mitel Networks Corporation MT3170 Datasheet HTML 6Page - Mitel Networks Corporation MT3170 Datasheet HTML 7Page - Mitel Networks Corporation MT3170 Datasheet HTML 8Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-3
®
Features
Wide dynamic range (50dB) DTMF Receiver
Call progress (CP) detection via cadence
indication
4-bit synchronous serial data output
Software controlled guard time for MT3x70B
Internal guard time circuitry for MT3x71B
Powerdown option (MT317xB & MT337xB)
4.194304MHz crystal or ceramic resonator
(MT337xB and MT327xB)
External clock input (MT317xB)
Guarantees non-detection of spurious tones
Applications
Integrated telephone answering machine
End-to-end signalling
Fax Machines
Description
The MT3x7xB is a family of high performance DTMF
receivers which decode all 16 tone pairs into a 4-bit
binary code. These devices incorporate an AGC for
wide dynamic range and are suitable for end-to-end
signalling. The MT3x70B provides an early steering
(ESt) logic output to indicate the detection of a DTMF
signal and requires external software guard time to
validate the DTMF digit. The MT3x71B, with preset
internal guard times, uses a delay steering (DStD)
logic output to indicate the detection of a valid DTMF
digit. The 4-bit DTMF binary digit can be clocked out
synchronously at the serial data (SD) output.
The
SD pin is multiplexed with call progress detector
output. In the presence of supervisory tones, the
call progress detector circuit indicates the cadence
(i.e., envelope) of the tone burst.
The cadence
information can then be processed by an external
microcontroller to identify specific call progress
signals. The MT327xB and MT337xB can be used
with a crystal or a ceramic resonator without
additional components. A power-down option is
provided for the MT317xB and MT337xB.
Ordering Information
MT3170/71BE
8 Pin Plastic DIP
MT3270/71BE
8 Pin Plastic DIP
MT3370/71BS
18 Pin SOIC
MT3370/71BN
20 Pin SSOP
-40 °C to +85 °C
Figure 1 - Functional Block Diagram
PWDN
VDD
VSS
INPUT
OSC2
OSC1
(CLK)
ΠMT3170B/71B and MT337xB only.
 MT3270B/71B and MT337xB only.
Voltage
Bias Circuit
AGC
Anti-
alias
Filter
High
Group
Filter
Low
Group
Filter
Steering
Circuit
Digital
Detector
Algorithm
Code
Converter
and
Latch
Digital
Guard
Time
Ž
Parallel to
Serial
Converter
& Latch
Mux
Energy
Detection
Oscillator
and
Clock
Circuit
To All Chip Clocks
Dial
Tone
Filter
ESt
DStD
ACK
SD
Œ

or
Ž MT3x71B only.
ISSUE 2
May 1995
MT3170B/71B, MT3270B/71B, MT3370B/71B
Wide Dynamic Range DTMF Receiver


Similar Part No. - MT3170

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT3170B ZARLINK-MT3170B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
MT3170BE ZARLINK-MT3170BE Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
MT3170BE1 ZARLINK-MT3170BE1 Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
More results

Similar Description - MT3170

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL49010 ZARLINK-ZL49010 Datasheet
353Kb / 14P
   Wide Dynamic Range DTMF Receiver
MT3171B ZARLINK-MT3171B Datasheet
485Kb / 15P
   Wide Dynamic Range DTMF Receiver
ZL49010 ZARLINK-ZL49010_07 Datasheet
423Kb / 15P
   Wide Dynamic Range DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
A1 PROs co., Ltd.
AH233TS A1PROS-AH233TS Datasheet
169Kb / 2P
   WDR Wide Dynamic Range
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com