Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8806AC Datasheet(PDF) 5 Page - Mitel Networks Corporation

Part # MT8806AC
Description  ISO-CMOS 8 x 4 Analog Switch Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8806AC Datasheet(HTML) 5 Page - Mitel Networks Corporation

  MT8806AC Datasheet HTML 1Page - Mitel Networks Corporation MT8806AC Datasheet HTML 2Page - Mitel Networks Corporation MT8806AC Datasheet HTML 3Page - Mitel Networks Corporation MT8806AC Datasheet HTML 4Page - Mitel Networks Corporation MT8806AC Datasheet HTML 5Page - Mitel Networks Corporation MT8806AC Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ISO-CMOS
MT8806
3-13
† Timing is over recommended temperature range. See Fig. 3 for control and I/O timing details.
‡ Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Crosstalk measurements are for Plastic DIPS only, crosstalk values for PLCC packages are approximately 5dB better.
† Timing is over recommended temperature range.
See Fig. 3 for control and I/O timing details.
Digital Input rise time (tr) and fall time (tf) = 5ns.
‡ Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Q Refer to Appendix, Fig. A.7 for test circuit.
AC Electrical Characteristics- Crosspoint Performance - Voltages are with respect to V
DD=5V, VSS=0V,
VEE=-7V, unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Switch I/O Capacitance
CS
20
pF
f=1 MHz
2
Feedthrough Capacitance
CF
0.2
pF
f=1 MHz
3
Frequency Response
Channel “ON”
20LOG(VOUT/VXi)=-3dB
F3dB
45
MHz
Switch is “ON”; VINA = 2Vpp
sinewave; RL = 1kΩ
See Appendix, Fig. A.3
4
Total Harmonic Distortion
(See G.5, G.6 in Appendix)
THD
0.01
%
Switch is “ON”; VINA = 2Vpp
sinewave f= 1kHz; RL=1kΩ
5
Feedthrough
Channel “OFF”
Feed.=20LOG (VOUT/VXi)
(See G.8 in Appendix)
FDT
-95
dB
All Switches “OFF”; VINA=
2Vpp sinewave; f= 1kHz;
RL= 1kΩ.
See Appendix, Fig. A.4
6
Crosstalk between any two
channels for switches Xi-Yi and
Xj-Yj.
Xtalk=20LOG (VYj/VXi).
(See G.7 in Appendix).
Xtalk
-45
dB
VINA=2Vpp sinewave
f= 10MHz; RL = 75Ω.
-90
dB
VINA=2Vpp sinewave
f= 10kHz; RL = 600Ω.
-85
dB
VINA=2Vpp sinewave
f= 10kHz; RL = 1kΩ.
-80
dB
VINA=2Vpp sinewave
f= 1kHz; RL = 10kΩ.
Refer to Appendix, Fig. A.5
for test circuit.
7
Propagation delay through
switch
tPS
30
ns
RL=1kΩ; CL=50pF
AC Electrical Characteristics- Control and I/O Timings- Voltages are with respect to V
DD=5V, VSS=0V,
VEE=-7V, unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Control Input crosstalk to switch
(for CS, DATA, STROBE, Address)
CXtalk
30
mVpp
VIN=3V squarewave;
RIN=1kΩ, RL=10kΩ.
See Appendix, Fig. A.6
2
Digital Input Capacitance
CDI
10
pF
f=1MHz
3
Switching Frequency
FO
20
MHz
4
Setup Time DATA to STROBE
tDS
10
ns
RL= 1kΩ, CL=50pF Q
5
Hold Time DATA to STROBE
tDH
10
ns
RL= 1kΩ, CL=50pF Q
6
Setup Time Address to STROBE
tAS
10
ns
RL= 1kΩ, CL=50pF Q
7
Hold Time Address to STROBE
tAH
10
ns
RL= 1kΩ, CL=50pF Q
8
Setup Time CS to STROBE
tCSS
10
ns
RL= 1kΩ, CL=50pF Q
9
Hold Time CS to STROBE
tCSH
10
ns
RL= 1kΩ, CL=50pF Q
10
STROBE Pulse Width
tSPW
20
ns
RL= 1kΩ, CL=50pF Q
11
RESET Pulse Width
tRPW
40
ns
RL= 1kΩ, CL=50pF Q
12
STROBE to Switch Status Delay
tS
40
100
ns
RL= 1kΩ, CL=50pF Q
13
DATA to Switch Status Delay
tD
50
100
ns
RL= 1kΩ, CL=50pF Q
14
RESET to Switch Status Delay
tR
35
100
ns
RL= 1kΩ, CL=50pF Q


Similar Part No. - MT8806AC

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT8803R3 MAXIC-MT8803R3 Datasheet
170Kb / 1P
   Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
MT8803T0 MAXIC-MT8803T0 Datasheet
170Kb / 1P
   Ultra-Low Standby Power Dissipation, Non-Isolated, Buck, Constant Voltage Driver
logo
Mitel Networks Corporat...
MT8804 MITEL-MT8804 Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
MT8804AC MITEL-MT8804AC Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
More results

Similar Description - MT8806AC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
logo
Zarlink Semiconductor I...
MT8816 ZARLINK-MT8816 Datasheet
325Kb / 12P
   ISO-CMOS 8 x 16 Analog Switch Array
logo
Mitel Networks Corporat...
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
   8 x 12 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com