Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC541ADTR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74LVC541ADTR2G
Description  Low-Voltage CMOS Octal Buffer Flow Through Pinout
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVC541ADTR2G Datasheet(HTML) 1 Page - ON Semiconductor

  74LVC541ADTR2G Datasheet HTML 1Page - ON Semiconductor 74LVC541ADTR2G Datasheet HTML 2Page - ON Semiconductor 74LVC541ADTR2G Datasheet HTML 3Page - ON Semiconductor 74LVC541ADTR2G Datasheet HTML 4Page - ON Semiconductor 74LVC541ADTR2G Datasheet HTML 5Page - ON Semiconductor 74LVC541ADTR2G Datasheet HTML 6Page - ON Semiconductor 74LVC541ADTR2G Datasheet HTML 7Page - ON Semiconductor 74LVC541ADTR2G Datasheet HTML 8Page - ON Semiconductor 74LVC541ADTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. P0
1
Publication Order Number:
74LVC541A/D
74LVC541A
Product Preview
Low-Voltage CMOS Octal
Buffer Flow Through Pinout
With 5 V−Tolerant Inputs and Outputs
(3−State, Non−Inverting)
The 74LVC541A is a high performance, non−inverting octal buffer
operating from a 1.2 to 3.6 V supply. This device is similar in function
to the MC74LCX244, while providing flow through architecture.
High impedance TTL compatible inputs significantly reduce current
loading to input drivers while TTL compatible outputs offer improved
switching noise performance. A VI specification of 5.5 V allows
74LVC541A inputs to be safely driven from 5 V devices. The
74LVC541A is suitable for memory address driving and all TTL level
bus oriented transceiver applications.
Current drive capability is 24 mA at the outputs. The Output Enable
(OE1. OE2) inputs, when HIGH, disables the output by placing them
in a HIGH Z condition.
Features
Designed for 1.2 to 3.6 V VCC Operation
5 V Tolerant − Interface Capability With 5 V TTL Logic
Supports Live Insertion and Withdrawal
IOFF Specification Guarantees High Impedance When VCC = 0 V
24 mA Output Sink and Source Capability
Near Zero Static Supply Current in All Three Logic States (10 mA)
Substantially Reduces System Power Requirements
Latchup Performance Exceeds 250 mA
ESD Performance:
Human Body Model > 2000 V
Machine Model > 200 V
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
MARKING DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
1
20
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or
G = Pb−Free Package
SOIC−20 WB
LVC541A
AWLYYWWG
LVC
541A
ALYW
G
G
TSSOP−20
20
1
(Note: Microdot may be in either location)
SOIC−20 WB
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E


Similar Part No. - 74LVC541ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC541ADTR2G ONSEMI-74LVC541ADTR2G Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
More results

Similar Description - 74LVC541ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LVC540A ONSEMI-74LVC540A Datasheet
106Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
June, 2015 ??Rev. P0
74LVC541A ONSEMI-74LVC541A_15 Datasheet
104Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
74LVC574A ONSEMI-74LVC574A Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
MC74LCX540 ONSEMI-MC74LCX540_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
74LVC540A ONSEMI-74LVC540A_15 Datasheet
105Kb / 9P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
December, 2015 ??Rev. 0
MC74LCX541 ONSEMI-MC74LCX541_12 Datasheet
128Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
July, 2012 ??Rev. 7
MC74LCX541 ONSEMI-MC74LCX541_14 Datasheet
118Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
August, 2014 ??Rev. 9
MC74LCX540 ONSEMI-MC74LCX540_V01 Datasheet
247Kb / 8P
   Low-Voltage CMOS Octal Buffer Flow Through Pinout
October, 2012 ??Rev. 8
MC74LCX573 ONSEMI-MC74LCX573_13 Datasheet
140Kb / 9P
   Low-Voltage CMOS Octal Transparent Latch Flow Through Pinout
January, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com