Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8812AC Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8812AC
Description  ISO-CMOS 8 x 12 Analog Switch Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8812AC Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8812AC Datasheet HTML 1Page - Mitel Networks Corporation MT8812AC Datasheet HTML 2Page - Mitel Networks Corporation MT8812AC Datasheet HTML 3Page - Mitel Networks Corporation MT8812AC Datasheet HTML 4Page - Mitel Networks Corporation MT8812AC Datasheet HTML 5Page - Mitel Networks Corporation MT8812AC Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3-27
®
MT8812
8 x 12 Analog Switch Array
Features
Internal control latches and address decoder
Short set-up and hold times
Wide operating voltage: 4.5V to 14.5V
14Vpp analog signal capability
•RON 65Ω max. @ VDD=14V, 25°C
∆R
ON ≤10Ω @ VDD=14V, 25°C
Full CMOS switch for low distortion
Minimum feedthrough and crosstalk
Low power consumption ISO-CMOS technology
Applications
PBX systems
Mobile radio
Test equipment /instrumentation
Analog/digital multiplexers
Audio/Video switching
Description
The Mitel MT8812 is fabricated in MITEL’s ISO-
CMOS technology providing low power dissipation
and high reliability. The device contains a 8 x12 array
of crosspoint switches along with a 7 to 96 line
decoder and latch circuits. Any one of the 96
switches
can
be
addressed
by
selecting
the
appropriate seven input bits. The selected switch
can be turned on or off by applying a logical one or
zero to the DATA input.
Ordering Information
MT8812AC
40 Pin Ceramic DIP
MT8812AE
40 Pin Plastic DIP
MT8812AP
44 Pin PLCC
0° to 70°C
Figure 1 - Functional Block Diagram
7 to 96
Decoder
Latches
8 x 12
Switch
Array
AX0
AX1
AY0
AY1
AY2
STROBE
DATA RESET
VDD
VSS
Xi I/O
(i=0-11)
Yi I/O (i=0-7)
11
96
96
• • • • • • • • • • • • • • • • • • •
AX2
AX3
ISSUE 5
November 1988
ISO-CMOS


Similar Part No. - MT8812AC

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
More results

Similar Description - MT8812AC

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8814 MITEL-MT8814 Datasheet
58Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
logo
Zarlink Semiconductor I...
MT8816 ZARLINK-MT8816 Datasheet
325Kb / 12P
   ISO-CMOS 8 x 16 Analog Switch Array
logo
Mitel Networks Corporat...
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 4 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
   8 x 12 Analog Switch Array
logo
Mitel Networks Corporat...
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com