Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8814 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8814
Description  ISO-CMOS 8 x 12 Analog Switch Array
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8814 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8814 Datasheet HTML 1Page - Mitel Networks Corporation MT8814 Datasheet HTML 2Page - Mitel Networks Corporation MT8814 Datasheet HTML 3Page - Mitel Networks Corporation MT8814 Datasheet HTML 4Page - Mitel Networks Corporation MT8814 Datasheet HTML 5Page - Mitel Networks Corporation MT8814 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MT8814 ISO-CMOS
3-36
* Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
† DC Electrical Characteristics are over recommended temperature range.
‡ Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Absolute Maximum Ratings*- Voltages are with respect to V
EE unless otherwise stated.
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD
VSS
-0.3
-0.3
16.0
VDD+0.3
V
V
2
Analog Input Voltage
VINA
-0.3
VDD+0.3
V
3
Digital Input Voltage
VIN
VSS-0.3
VDD+0.3
V
4
Current on any I/O Pin
I
±15
mA
5
Storage Temperature
TS
-65
+150
°C
6
Package Power Dissipation
PLASTIC DIP
CERDIP
PD
PD
0.6
1.0
W
W
Recommended Operating Conditions - Voltages are with respect to V
EE unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Operating Temperature
TO
-40
25
85
°C
2
Supply Voltage
VDD
VSS
4.5
VEE
13.2
VDD-4.5
V
V
3
Analog Input Voltage
VINA
VEE
VDD
V
4
Digital Input Voltage
VIN
VSS
VDD
V
DC Electrical Characteristics- Voltages are with respect to V
EE=VSS=0V, VDD =12V unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Quiescent Supply Current
IDD
1100
µA
All digital inputs at VIN=VSS or
VDD
0.4
1.5
mA
All digital inputs at VIN=2.4V +
VSS; VSS=7.0V
5
15
mA
All digital inputs at VIN=3.4V
2
Off-state Leakage Current
(See G.9 in Appendix)
IOFF
±1
±500
nA
IVXi - VYjI = VDD - VEE
See Appendix, Fig. A.1
3
Input Logic “0” level
VIL
0.8+VSS
VVSS=7.5V; VEE=0V
4
Input Logic “1” level
VIH
2.0+VSS
VVSS=6.5V; VEE=0V
5
Input Logic “1” level
VIH
3.3
V
6
Input Leakage (digital pins)
ILEAK
0.1
10
µA
All digital inputs at VIN = VSS
or VDD
DC Electrical Characteristics- Switch Resistance - V
DC is the external DC offset applied at the analog I/O pins.
Characteristics
Sym
25°C
70°C
85°C
Units
Test Conditions
Typ
Max
Typ
Max
Typ
Max
1 On-state
VDD=12V
Resistance VDD=10V
VDD= 5V
(See G.1, G.2, G.3 in
Appendix)
RON
45
55
120
65
75
185
75
85
215
80
90
225
VSS=VEE=0V,VDC=VDD/2,
IVXi-VYjI = 0.4V
See Appendix, Fig. A.2
2 Difference in on-state
resistance between two
switches
(See G.4 in Appendix)
∆R
ON
510
10
10
VDD=12V, VSS=VEE=0,
VDC=VDD/2,
IVXi-VYjI = 0.4V
See Appendix, Fig. A.2


Similar Part No. - MT8814

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
   Non-isolated High Performance Low Cost Off-line PWM Power Switch
logo
Mitel Networks Corporat...
MT8812AC MITEL-MT8812AC Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8812AE MITEL-MT8812AE Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8812AP MITEL-MT8812AP Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
More results

Similar Description - MT8814

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT8812 MITEL-MT8812 Datasheet
53Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8815 MITEL-MT8815 Datasheet
56Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT093 MITEL-MT093 Datasheet
51Kb / 6P
   ISO-CMOS 8 x 12 Analog Switch Array
MT8808 MITEL-MT8808 Datasheet
52Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8809 MITEL-MT8809 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 8 Analog Switch Array
MT8816 MITEL-MT8816 Datasheet
59Kb / 6P
   ISO-CMOS 8 x 16 Analog Switch Array
logo
Zarlink Semiconductor I...
MT8816 ZARLINK-MT8816 Datasheet
325Kb / 12P
   ISO-CMOS 8 x 16 Analog Switch Array
logo
Mitel Networks Corporat...
MT8806 MITEL-MT8806 Datasheet
55Kb / 6P
   ISO-CMOS 8 x 4 Analog Switch Array
logo
Zarlink Semiconductor I...
MT093 ZARLINK-MT093 Datasheet
525Kb / 9P
   8 x 12 Analog Switch Array
logo
Mitel Networks Corporat...
MT8804A MITEL-MT8804A Datasheet
89Kb / 6P
   CMOS 8 x 4 Analog Switch Array
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com