Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMIS-52150 Datasheet(PDF) 7 Page - ON Semiconductor

Part # AMIS-52150
Description  Low-power Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AMIS-52150 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button AMIS-52150 Datasheet HTML 3Page - ON Semiconductor AMIS-52150 Datasheet HTML 4Page - ON Semiconductor AMIS-52150 Datasheet HTML 5Page - ON Semiconductor AMIS-52150 Datasheet HTML 6Page - ON Semiconductor AMIS-52150 Datasheet HTML 7Page - ON Semiconductor AMIS-52150 Datasheet HTML 8Page - ON Semiconductor AMIS-52150 Datasheet HTML 9Page - ON Semiconductor AMIS-52150 Datasheet HTML 10Page - ON Semiconductor AMIS-52150 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AMIS−52150
http://onsemi.com
7
CREF, Current Reference Bias Pin
A resistor must be connected to the CREF pin to provide
a current bias to the internal bandgap voltage reference
circuit. It is critical that this resistor value is 33.2 k
W (with
one percent or better tolerance) to achieve proper operation
of the bandgap voltage reference.
GND, Ground Pin
The GND pin is the ground connection for the digital and
analog circuits.
CLKOUT, Internal Clock Output Pin
The CLKOUT pin is an output for the RC oscillator,
crystal oscillator signal or the recovered data clock,
respectively. The crystal oscillator signal output can be
divided by 2, 3 or 4. The pin can also be programmed to
output the signal from the recovered data clock function. For
more information about the clock and data recovery (CDR)
function of the AMIS−52150, refer to the section of this
document on clock and data recovery.
The CLKOUT pin function control registers are shown in
Table 8.
Table 8. OSCILLATOR OUTPUT CONTROL REGISTERS
CLKOUT Pin Definition Control Registers
Register (HEX)
Name
Bits
States
Comments
0x0c
CLKOUT Enable
7
0
CLKOUT is Enabled
1
CLKOUT is Disabled
0x0d
CLKOUT Select
4, 5
00
Automatic Control
01
RC OSC
10
Xtal
11
Off
0x0e
XTAL Divide
0, 1
00
Divide by 4
01
Divide by 3
10
Divide by 2
11
Divide by 1
X1, X2, External Crystal Reference Pins
X1 and X2 pins connect a parallel resonance oscillator
crystal to the AMIS−52150 internal oscillator circuit. The
external crystal should meet the requirements as listed in
Table 9. However, the two load capacitors should be sized
slightly smaller than the recommended value for the crystal,
because of the added capacitance due to the internal trim
circuit. The crystal parameters are shown in Table 9.
Table 9. EXTERNAL CRYSTAL PARAMETERS
Parameter
Min
Typ
Max
Unit
Conditions
Crystal Frequency
12.56
12.65
MHz
Targeted
9.375
24.0
Non-quick Start
10.9
14.0
Quick Start
Crystal ESR
70
W
Crystal Tolerance
10
ppm
Load Capacitance
Load Capacitors should be Smaller than Recommended for the Crystal to allow for Frequency Tuning
I2CDATA, I2CCLK, I2C Control Interface Bus Pins
The AMIS−52150 implements an I2C serial 8-bit
bi-directional interface with the pins I2CDATA and
I2CCLK. The device implements the protocol for a slave
device. The clock for the interface is generated by the
external master device. The interface will support the
normal (0 – 100 kbits/second) or the fast (0 –
400 kbits/second) data modes. The interface conforms to the
Phillips specification for the I2C bus standard. The pins have
internal pull-up resistors. See Table 10 and Table 11 for
some parameters of this interface.
In addition, Table 12 shows the details of register that
controls the I2C address increment function.
Table 10. INTERNAL I2C PULL-UP RESISTORS
Pin
Function
Typ
Unit
I2CDATA
Internal Pull-up R
15
kW
I2CCLK
Internal Pull-up R
15
kW


Similar Part No. - AMIS-52150

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-52150 AMI-AMIS-52150 Datasheet
1Mb / 25P
   Low-Power Transceiver with Clock and Data Recovery
More results

Similar Description - AMIS-52150

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSNJ2007 NJRC-NSNJ2007 Datasheet
253Kb / 4P
   Low Power Transceiver
logo
Semtech Corporation
SX1231 SEMTECH-SX1231_10 Datasheet
1,017Kb / 81P
   Transceiver Low Power Integrated UHF Transceiver
logo
Sharp Corporation
GP2W0002YP SHARP-GP2W0002YP Datasheet
145Kb / 14P
   Low Power Infrared Transceiver
logo
List of Unclassifed Man...
XE1201A ETC-XE1201A Datasheet
193Kb / 14P
   LOW POWER UHF TRANSCEIVER
logo
Dallas Semiconductor
DS276 DALLAS-DS276 Datasheet
132Kb / 11P
   Low Power Transceiver Chip
logo
New Japan Radio
NSNJ2004 NJRC-NSNJ2004 Datasheet
166Kb / 4P
   428MHz Low Power Transceiver
NSTS1436 NJRC-NSTS1436 Datasheet
100Kb / 4P
   421.9MHz Low Power Transceiver
logo
Sharp Corporation
GP2W0110YPS SHARP-GP2W0110YPS Datasheet
551Kb / 14P
   Low Power Infrared Transceiver
logo
New Japan Radio
NSTS1431 NJRC-NSTS1431 Datasheet
102Kb / 4P
   426.42MHz Low Power Transceiver
logo
Semtech Corporation
SX1208 SEMTECH-SX1208 Datasheet
1Mb / 86P
   SX1208 Transceiver Low Power Integrated UHF Transceiver
Rev. 2 - April 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com