Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASM3I2870AG-08SR Datasheet(PDF) 6 Page - ON Semiconductor

Part # ASM3I2870AG-08SR
Description  Low Power Peak EMI Reducing Solution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3I2870AG-08SR Datasheet(HTML) 6 Page - ON Semiconductor

Back Button ASM3I2870AG-08SR Datasheet HTML 2Page - ON Semiconductor ASM3I2870AG-08SR Datasheet HTML 3Page - ON Semiconductor ASM3I2870AG-08SR Datasheet HTML 4Page - ON Semiconductor ASM3I2870AG-08SR Datasheet HTML 5Page - ON Semiconductor ASM3I2870AG-08SR Datasheet HTML 6Page - ON Semiconductor ASM3I2870AG-08SR Datasheet HTML 7Page - ON Semiconductor ASM3I2870AG-08SR Datasheet HTML 8Page - ON Semiconductor ASM3I2870AG-08SR Datasheet HTML 9Page - ON Semiconductor ASM3I2870AG-08SR Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ASM3P2870A
http://onsemi.com
6
Figure 3. Typical Crystal Oscillator Circuit
R1 = 510 W
Crystal
C1 = 27 pF
C2 = 27 pF
Table 9. TYPICAL CRYSTAL SPECIFICATIONS
Fundamental AT Cut Parallel Resonant Crystal
Nominal frequency
14.31818 MHz
Frequency tolerance
±50 ppm or better at 25°C
Operating temperature range
−25°C to +85°C
Storage temperature
−40°C to +85°C
Load capacitance
18 pF
Shunt capacitance
7 pF maximum
ESR
25 W


Similar Part No. - ASM3I2870AG-08SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3I2870AG-08SR ALSC-ASM3I2870AG-08SR Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3I2870AG-08SR PULSECORE-ASM3I2870AG-08SR Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
More results

Similar Description - ASM3I2870AG-08SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com