Electronic Components Datasheet Search |
|
ASM3I2870AG-08SR Datasheet(PDF) 2 Page - ON Semiconductor |
|
ASM3I2870AG-08SR Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 10 page ASM3P2870A http://onsemi.com 2 Figure 1. Block Diagram XOUT XIN VSS Crystal Oscillator VDD Frequency Divider Feedback Divider Modulation Phase Detector Loop Filter PLL VCO ModOUT Output Divider REFOUT Table 1. PIN DESCRIPTION (6−Pin TSOT−23 Package) Pin# Pin Name Type Description 1 REFOUT O Buffered output of the input frequency. 2 XOUT O Crystal connection. If using an external reference, this pin must be left unconnected. 3 XIN / CLKIN I Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. 4 VDD P Power supply for the entire chip. 5 ModOUT O Spread spectrum clock output. 6 VSS P Ground connection. Table 2. PIN DESCRIPTION (8−Pin SOIC and TSSOP Packages) Pin# Pin Name Type Description 1 XIN / CLKIN I Crystal connection or external reference frequency input. This pin has dual functions. It can be connected either to an external crystal or an external reference clock. 2 XOUT O Crystal connection. If using an external reference, this pin must be left unconnected. 3 REFOUT O Buffered output of the input frequency. 4 NC − No connect. 5 VSS P Ground connection. 6 ModOUT O Spread spectrum clock output. 7 NC − No connect. 8 VDD P Power supply for the entire chip. |
Similar Part No. - ASM3I2870AG-08SR |
|
Similar Description - ASM3I2870AG-08SR |